Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8390D Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8390D
Description  NIC Network Interface Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8390D Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button DP8390D Datasheet HTML 18Page - National Semiconductor (TI) DP8390D Datasheet HTML 19Page - National Semiconductor (TI) DP8390D Datasheet HTML 20Page - National Semiconductor (TI) DP8390D Datasheet HTML 21Page - National Semiconductor (TI) DP8390D Datasheet HTML 22Page - National Semiconductor (TI) DP8390D Datasheet HTML 23Page - National Semiconductor (TI) DP8390D Datasheet HTML 24Page - National Semiconductor (TI) DP8390D Datasheet HTML 25Page - National Semiconductor (TI) DP8390D Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
100 Internal Registers (Continued)
103 Register Descriptions
(Continued)
DATA CONFIGURATION REGISTER (DCR)
0EH (WRITE)
This Register is used to program the NIC for 8- or 16-bit memory interface select byte ordering in 16-bit applications and
establish FIFO threshholds The DCR must be initialized prior to loading the Remote Byte Count Registers LAS is set on
power up
76543210
FT1
FT0
ARM
LS
LAS
BOS
WTS
Bit
Symbol
Description
D0
WTS
WORD TRANSFER SELECT
0 Selects byte-wide DMA transfers
1 Selects word-wide DMA transfers
WTS establishes byte or word transfers
for both Remote and Local DMA transfers
Note
When word-wide mode is selected up to 32k words are addressable A0 remains low
D1
BOS
BYTE ORDER SELECT
0 MS byte placed on AD15 – AD8 and LS byte on AD7 – AD0 (32000 8086)
1 MS byte placed on AD7 – AD0 and LS byte on AD15 – AD8 (68000)
Ignored when WTS is low
D2
LAS
LONG ADDRESS SELECT
0 Dual 16-bit DMA mode
1 Single 32-bit DMA mode
When LAS is high the contents of the Remote DMA registers RSAR01 are issued as A16 – A31
Power up high
D3
LS
LOOPBACK SELECT
0 Loopback mode selected Bits D1 D2 of the TCR must also be programmed for Loopback
operation
1 Normal Operation
D4
AR
AUTO-INITIALIZE REMOTE
0 Send Command not executed all packets removed from Buffer Ring under program control
1 Send Command executed Remote DMA auto-initialized to remove packets from Buffer Ring
Note
Send Command cannot be used with 68000 type processors
D5 D6
FT0 FT1
FIFO THRESHHOLD SELECT
Encoded FIFO threshhold Establishes point at which bus is
requested when filling or emptying the FIFO During reception the FIFO threshold indicates the
number of bytes (or words) the FIFO has filled serially from the network before bus request
(BREQ) is asserted
Note
FIFO threshold setting determines the DMA burst length
RECEIVE THRESHOLDS
FT1
FT0
Word Wide
Byte Wide
0
0
1 Word
2 Bytes
0
1
2 Words
4 Bytes
1
0
4 Words
8 Bytes
1
1
6 Words
12 Bytes
During transmission the FIFO threshold indicates the numer of bytes (or words) the FIFO has
filled from the Local DMA before BREQ is asserted Thus the transmission threshold is 16 bytes
less the receive threshold
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com