Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8390D Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8390D
Description  NIC Network Interface Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8390D Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button DP8390D Datasheet HTML 11Page - National Semiconductor (TI) DP8390D Datasheet HTML 12Page - National Semiconductor (TI) DP8390D Datasheet HTML 13Page - National Semiconductor (TI) DP8390D Datasheet HTML 14Page - National Semiconductor (TI) DP8390D Datasheet HTML 15Page - National Semiconductor (TI) DP8390D Datasheet HTML 16Page - National Semiconductor (TI) DP8390D Datasheet HTML 17Page - National Semiconductor (TI) DP8390D Datasheet HTML 18Page - National Semiconductor (TI) DP8390D Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
90 Remote DMA (Continued)
Maximum Bus Latency for Byte Mode
TLF8582 – 98
Maximum Bus Latency for Word Mode
TLF8582 – 99
byte has entered the FIFO thus with an 8 byte threshold
the NIC issues Bus Request (BREQ) when the 9th byte has
entered the FIFO For Word Mode BREQ is not generated
until the na2 bytes have entered the FIFO Thus with a 4
word threshold (equivalent to 8 byte threshold) BREQ is
issued when the 10th byte has entered the FIFO The two
graphs the figures above indicate the maximum allowable
bus latency for Word and Byte transfer modes
The FIFO at the Beginning of Transmit
Before transmitting the NIC performs a prefetch from mem-
ory to load the FIFO The number of bytes prefetched is the
programmed FIFO threshold The next BREQ is not issued
until after the NIC actually begins trasmitting data ie after
SFD The Transmit Prefetch diagram illustrates this process
SEND PACKET COMMAND
The Remote DMA channel can be automatically initialized
to transfer a single packet from the Receive Buffer Ring
The CPU begins this transfer by issuing a ‘‘Send Packet’’
Command The DMA will be initialized to the value of the
Boundary Pointer Register and the Remote Byte Count
Register pair (RBCR0 RBCR1) will be initialized to the value
of the Receive Byte Count fields found in the Buffer Header
of each packet After the data is transferred the Boundary
Pointer is advanced to allow the buffers to be used for new
receive packets The Remote Read will terminate when the
Byte Count equals zero The Remote DMA is then prepared
to read the next packet from the Receive Buffer Ring If the
DMA pointer crosses the Page Stop Register it is reset to
the Page Start Address This allows the Remote DMA to
remove packets that have wrapped around to the top of the
Receive Buffer Ring
Note 1
In order for the NIC to correctly execute the Send Packet Com-
mand the upper Remote Byte Count Register (RBCR1) must first
be loaded with 0FH
Note 2
The Send Packet command cannot be used with 68000 type proc-
essors
Transmit Prefetch Timing
TLF8582 – A0
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com