Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM8840 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM8840
Description  Charge Pump Regulator & COM Driver for Color TFT Panel
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8840 Datasheet(HTML) 1 Page - Analog Devices

  ADM8840 Datasheet HTML 1Page - Analog Devices ADM8840 Datasheet HTML 2Page - Analog Devices ADM8840 Datasheet HTML 3Page - Analog Devices ADM8840 Datasheet HTML 4Page - Analog Devices ADM8840 Datasheet HTML 5Page - Analog Devices ADM8840 Datasheet HTML 6Page - Analog Devices ADM8840 Datasheet HTML 7Page - Analog Devices ADM8840 Datasheet HTML 8Page - Analog Devices ADM8840 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ADM8840
REV. PrG
2/03
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
Analog Devices, Inc., 200
3
Charge Pump Regulator & COM Driver
for Color TFT Panel
Preliminary Technical Data
PRELIMINARY TECHNICAL DATA
a
FEATURES
Programmable COM Driver to prevent Screen-Burn
3 Voltages (5.0V,15.0V,-15.0V) from one 3V Supply
Power Efficiency optimised for use with TFT in mobile
phones
Low Quiescent Current
Low Shutdown Current (<5uA)
Shutdown Function
APPLICATIONS
Handheld Instruments
TFT LCD Panels
Cellular Phones
GENERAL DESCRIPTION
The ADM8840 combines a charge pump regulator and a
Common Line (COM) driver in a single chip solution for use
in TFT LCD’s. The device provides an LCD controller and
grayscale DAC supply voltage of 5.0V (±2%), 2 gate drive
voltages of +15V and -15V and a COM driver voltage. This
COM Driver voltage alternates the polarity of the Common
line voltage every line (or every frame) on the display in order
to prevent screen-burn occuring over time. The ADM8840
is powered by a single 3.0V supply.
The ADM8840 has an internal 100KHz oscillator for driving
the charge pumps.
The COM Driver section of the ADM8840 can be used to
generate the alternate frame or line inversion of the COM
line of the LCD panel.
The ADM8840 receives the COM
clock from the controller with a frequency up to 10kHz and
allows programmable conditioning of its amplitude and
centre voltage through the use of on-board DAC’s. This
allows programmable elimination of display flicker caused
by the COM inversion.
The COM_OUT amplitude can be programmed from 4.0V
to 7.0V in steps of 28mV. The COM_OUT centre voltage
can be programmed to 0.9V to 2.8V in steps of 14mV.
TM Green Idle is a registered trademark of Analog Devices Inc.
The ADM8840 provides power up sequencing of the -15V
and +15V gate drive outputs, ensuring the -15V starts to
power up before the +15V.
The ADM8840 has a number of power save features, includ-
ing low power Shutdown. The 5.0V output consumes the
most power, so Power Efficiency is also maximised on this
output with an oscillator enabling scheme (Green Idle
TM).
The ADM8840 is fabricated using CMOS technology for
minimal power consumption.
The part is packaged in a 32-
pin LFCSP package.
FUNCTIONAL BLOCK DIAGRAM
SERIAL
INTERFACE
VREF
DAC 1
DAC 2
8
8
CLK
DATA
CS / LDAC
LEVEL
TRANSLATOR
PO WER
BUFFER
+
-
-
+
COM_IN
4.7 F
4.7 F
C PANEL
5.5k
4.7 F
OS CILLATOR
CONTROL
LOGIC
TIMING
GENERATOR
SHUTDOWN
CONTROL
DISCHARGE
VOLTAGE
DOUBLER
C1+
C1-
SHDN
VCC
LDO
VOLTAGE
REGULATOR
5VOUT
2.2 F
C7
DOUBLE
TRIP LE
VOLTAGE
TRIPLER
VOLTAGE
INVERTER
C2+
C2-
C3+
C3-
VOUT
VOLTAGE
ADDER
C5+
C5-
+15V
C4+
C4-
-15V
ADM8840
0.22 F
3.3 F
3.3 F
3.3 F
0.22 F
0.22 F
0.22 F
0.22 F
DAC1_SD
DAC1_IN
INT/EXT
DAC 1
INT/EXT
DAC 2
DAC2_SD
DAC2_IN
C4
C2
C3
C9
C8
ADD_OUT
TRANS_OUT
COM_OUT_AC
COM_OUT
GND
C5
C10
C11
C12
C13
4.7 F
C6
C1
22nF
5VIN
+5V


Similar Part No. - ADM8840

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8843 AD-ADM8843 Datasheet
330Kb / 16P
4 White LED Backlight Driver
10/04-Revision 0
ADM8843ACPZ-REEL7 AD-ADM8843ACPZ-REEL7 Datasheet
330Kb / 16P
4 White LED Backlight Driver
10/04-Revision 0
ADM8843 AD-ADM8843_15 Datasheet
284Kb / 16P
Four White LED Backlight Driver
REV. C
ADM8845 AD-ADM8845 Datasheet
382Kb / 20P
Charge Pump Driver for LCD White LED Backlights
10/04-Revision 0
ADM8845 AD-ADM8845 Datasheet
509Kb / 18P
Charge Pump Driver for LCD White LED Backlights
Rev. D
More results

Similar Description - ADM8840

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8832 AD-ADM8832 Datasheet
202Kb / 12P
Charge Pump Regulator for Color TFT Panel
4/04-Changed from Rev. 0 to Rev. A
ADM8830 AD-ADM8830 Datasheet
1Mb / 8P
Charge Pump Regulator for Color TFT Panel
10/03-Data Sheet changed from REV. A to REV. B.
ADM8839 AD-ADM8839 Datasheet
233Kb / 8P
Charge Pump Regulator for Color TFT Panels
2/03 - Data Sheet Changed from Rev. 0 to Rev. A
ADM8830 AD-ADM8830_15 Datasheet
979Kb / 8P
Charge Pump Regulator for Color TFT Panel
REV. B
ADM8832 AD-ADM8832_15 Datasheet
212Kb / 12P
Charge Pump Regulator for Color TFT Panel
REV. A
ADM8839 AD-ADM8839_15 Datasheet
372Kb / 12P
Charge Pump Regulator for Color TFT Panels
REV. C
logo
E-CMOS Corporation
ELP3100 E-CMOS-ELP3100 Datasheet
581Kb / 8P
Dual Channel Charge Pump Power Solution For TFT LCD Panel
logo
Lowpower Semiconductor ...
LP3100 POWER-LP3100 Datasheet
918Kb / 8P
Dual Channel Charge Pump Power Solution For TFT LCD Panel
LP3101A POWER-LP3101A Datasheet
895Kb / 8P
Dual Channel Charge Pump Power Solution For TFT LCD Panel
LP3102 POWER-LP3102 Datasheet
743Kb / 7P
Dual Channel Charge Pump Power Solution For TFT LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com