Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDC2114RGHT Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # FDC2114RGHT
Description  EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2114RGHT Datasheet(HTML) 22 Page - Texas Instruments

Back Button FDC2114RGHT Datasheet HTML 18Page - Texas Instruments FDC2114RGHT Datasheet HTML 19Page - Texas Instruments FDC2114RGHT Datasheet HTML 20Page - Texas Instruments FDC2114RGHT Datasheet HTML 21Page - Texas Instruments FDC2114RGHT Datasheet HTML 22Page - Texas Instruments FDC2114RGHT Datasheet HTML 23Page - Texas Instruments FDC2114RGHT Datasheet HTML 24Page - Texas Instruments FDC2114RGHT Datasheet HTML 25Page - Texas Instruments FDC2114RGHT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 61 page
background image
1
9
Ack by
Slave
Start by
Master
SCL
SDA
Frame 1
Serial Bus Address Byte
from Master
R/W
A2
A0
A1
A3
A4
A5
A6
D7
D6
D5
D4
D3
D2
D1
D0
1
9
Nack by
Master
Stop by
Master
1
9
D15 D14 D13 D12 D11 D10 D9
D8
Ack by
Master
Frame 4
Data MSB from
Slave
Frame 5
Data LSB from
Slave
1
9
R7
R6
R5
R4
R3
R2
R1
R0
Ack by
Slave
Frame 2
Slave Register
Address
1
9
Start by
Master
SCL
SDA
Frame 3
Serial Bus Address Byte
from Master
R/W
A2
A0
A1
A3
A4
A5
A6
Ack by
Slave
1
9
Ack by
Slave
Start by
Master
SCL
SDA
Frame 1
Serial Bus Address Byte
from Master
R/W
A2
A0
A1
A3
A4
A5
A6
D7
D6
D5
D4
D3
D2
D1
D0
1
9
Ack by
Slave
Stop by
Master
1
9
D15 D14 D13 D12 D11 D10 D9
D8
Ack by
Slave
Frame 3
Data MSB from
Master
Frame 4
Data LSB from
Master
1
9
R7
R6
R5
R4
R3
R2
R1
R0
Ack by
Slave
Frame 2
Slave Register
Address
SCL
SDA
FDC2212, FDC2214, FDC2112, FDC2114
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
www.ti.com
Programming (continued)
Figure 16. I2C Write Register Sequence
Figure 17. I2C Read Register Sequence
9.6 Register Maps
9.6.1 Register List
Fields indicated with Reserved must be written only with indicated values. Improper device operation may occur
otherwise. The R/W column indicates the Read-Write status of the corresponding field. A ‘R/W’ entry indicates
read and write capability, a ‘R’ indicates read-only, and a ‘W’ indicates write-only.
Figure 18. Register List
ADDRESS
NAME
DEFAULT VALUE
DESCRIPTION
0x00
DATA_CH0
0x0000
Channel 0 Conversion Result and status (FDC2112 / FDC2114 only)
0x0000
Channel 0 MSB Conversion Result and status (FDC2212 / FDC2214 only)
0x01
DATA_LSB_CH0
0x0000
Channel 0 LSB Conversion Result. Must be read after Register address
0x00 (FDC2212 / FDC2214 only)
0x02
DATA_CH1
0x0000
Channel 1 Conversion Result and status (FDC2112 / FDC2114 only)
0x0000
Channel 1 MSB Conversion Result and status (FDC2212 / FDC2214 only)
0x03
DATA_LSB_CH1
0x0000
Channel 1 LSB Conversion Result. Must be read after Register address
0x02 (FDC2212 / FDC2214 only)
0x04
DATA_CH2
0x0000
Channel 2 Conversion Result and status (FDC2114 only)
0x0000
Channel 2 MSB Conversion Result and status (FDC2214 only)
0x05
DATA_LSB_CH2
0x0000
Channel 2 LSB Conversion Result. Must be read after Register address
0x04 (FDC2214 only)
22
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com