Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDC2114RGHT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # FDC2114RGHT
Description  EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2114RGHT Datasheet(HTML) 11 Page - Texas Instruments

Back Button FDC2114RGHT Datasheet HTML 7Page - Texas Instruments FDC2114RGHT Datasheet HTML 8Page - Texas Instruments FDC2114RGHT Datasheet HTML 9Page - Texas Instruments FDC2114RGHT Datasheet HTML 10Page - Texas Instruments FDC2114RGHT Datasheet HTML 11Page - Texas Instruments FDC2114RGHT Datasheet HTML 12Page - Texas Instruments FDC2114RGHT Datasheet HTML 13Page - Texas Instruments FDC2114RGHT Datasheet HTML 14Page - Texas Instruments FDC2114RGHT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
IN0A
IN0B
IN1A
IN1B
FDC2112 / FDC2212
VDD
GND
SCL
SDA
Int. Osc.
ADDR
INTB
SD
GND
MCU
VDD
3.3 V
3.3 V
GPIO
GPIO
0.1 F 1 F
Core
Resonant
circuit driver
Resonant
circuit driver
I
2C
I
2C
peripheral
3.3 V
L
Cap
Sensor 0
CLKIN
40 MHz
C
L
Cap
Sensor 1
C
FDC2212, FDC2214, FDC2112, FDC2114
www.ti.com
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
9 Detailed Description
9.1 Overview
The FDC2112, FDC2114, FDC2212, and FDC2214 are high-resolution, multichannel capacitance-to-digital
converters for implementing capacitive sensing solutions. In contrast to traditional switched-capacitance
architectures, the FDC2112, FDC2114, FDC2212, and FDC2214 employ an L-C resonator, also known as L-C
tank, as a sensor. The narrow-band architecture allows unprecedented EMI immunity and greatly reduced noise
floor when compared to other capacitive sensing solutions.
Using this approach, a change in capacitance of the L-C tank can be observed as a shift in the resonant
frequency. Using this principle, the FDC is a capacitance-to-digital converter (FDC) that measures the oscillation
frequency of an LC resonator. The device outputs a digital value that is proportional to frequency. This frequency
measurement can be converted to an equivalent capacitance
9.2 Functional Block Diagrams
Figure 10. Block Diagram for the FDC2112 and FDC2212
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com