Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDC2114RGHT Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # FDC2114RGHT
Description  EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2114RGHT Datasheet(HTML) 31 Page - Texas Instruments

Back Button FDC2114RGHT Datasheet HTML 27Page - Texas Instruments FDC2114RGHT Datasheet HTML 28Page - Texas Instruments FDC2114RGHT Datasheet HTML 29Page - Texas Instruments FDC2114RGHT Datasheet HTML 30Page - Texas Instruments FDC2114RGHT Datasheet HTML 31Page - Texas Instruments FDC2114RGHT Datasheet HTML 32Page - Texas Instruments FDC2114RGHT Datasheet HTML 33Page - Texas Instruments FDC2114RGHT Datasheet HTML 34Page - Texas Instruments FDC2114RGHT Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 61 page
background image
FDC2212, FDC2214, FDC2112, FDC2114
www.ti.com
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
9.6.24 Address 0x16, CLOCK_DIVIDERS_CH2 (FDC2114, FDC2214 only)
Figure 41. Address 0x16, CLOCK_DIVIDERS_CH2
15
14
13
12
11
10
9
8
RESERVED
CH2_FIN_SEL
RESERVED
CH2_FREF_DIVIDER
7
6
5
4
3
2
1
0
CH2_FREF_DIVIDER
Table 34. Address 0x16, CLOCK_DIVIDERS_CH2 Field Descriptions
Bit
Field
Type
Reset
Description
15:14
RESERVED
R/W
00
Reserved. Set to b00.
13:12
CH2_FIN_SEL
R/W
0000
Channel 2 Sensor frequency select
for differential sensor configuration:
b01: divide by 1. Choose for sensor frequencies between
0.01MHz and 8.75MHz
b10: divide by 2. Choose for sensor frequencies between 5MHz
and 10MHz
for single-ended sensor configuration:
b10: divide by 2. Choose for sensor frequencies between
0.01MHz and 10MHz
11:10
RESERVED
R/W
00
Reserved. Set to b00.
9:0
CH2_FREF_DIVIDER
R/W
00 0000
Channel 2 Reference Divider Sets the divider for Channel 2
0000
reference. Use this to scale the maximum conversion frequency.
b00’0000’0000: Reserved. Do not use.
CH2_FREF_DIVIDER
≥ b00’0000’0001: fREF2 =
fCLK/CH2_FREF_DIVIDER
9.6.25 Address 0x17, CLOCK_DIVIDERS_CH3 (FDC2114, FDC2214 only)
Figure 42. Address 0x17, CLOCK_DIVIDERS_CH3
15
14
13
12
11
10
9
8
RESERVED
CH3_FIN_SEL
RESERVED
CH3_FREF_DIVIDER
7
6
5
4
3
2
1
0
CH3_FREF_DIVIDER
Table 35. Address 0x17, CLOCK_DIVIDERS_CH3
Bit
Field
Type
Reset
Description
15:14
RESERVED
R/W
00
Reserved. Set to b00.
13:12
CH3_FIN_SEL
R/W
0000
Channel 3 Sensor frequency select
for differential sensor configuration:
b01: divide by 1. Choose for sensor frequencies between
0.01MHz and 8.75MHz
b10: divide by 2. Choose for sensor frequencies between 5MHz
and 10MHz
for single-ended sensor configuration:
b10: divide by 2. Choose for sensor frequencies between
0.01MHz and 10MHz
11:10
RESERVED
R/W
00
Reserved. Set to b00.
9:0
CH3_FREF_DIVIDER
R/W
00 0000
Channel 3 Reference Divider Sets the divider for Channel 3
0000
reference. Use this to scale the maximum conversion frequency.
b00’0000’0000: reserved
CH3_FREF_DIVIDER
≥ b00’0000’0001: fREF3 =
fCLK/CH3_FREF_DIVIDER
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com