Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8923AM/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # DS8923AM/NOPB
Description  TRI-STATE RS-422 Dual Differential Line Driver and Receiver Pairs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS8923AM/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  DS8923AM/NOPB Datasheet HTML 1Page - Texas Instruments DS8923AM/NOPB Datasheet HTML 2Page - Texas Instruments DS8923AM/NOPB Datasheet HTML 3Page - Texas Instruments DS8923AM/NOPB Datasheet HTML 4Page - Texas Instruments DS8923AM/NOPB Datasheet HTML 5Page - Texas Instruments DS8923AM/NOPB Datasheet HTML 6Page - Texas Instruments DS8923AM/NOPB Datasheet HTML 7Page - Texas Instruments DS8923AM/NOPB Datasheet HTML 8Page - Texas Instruments DS8923AM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DS8922, DS8922A, DS8923A
www.ti.com
SNLS373B – JUNE 1998 – REVISED APRIL 2013
DS8922/22A
EN1
EN2
RO1
RO2
DO1
DO2
0
0
ACTIVE
ACTIVE
ACTIVE
ACTIVE
1
0
HI-Z
ACTIVE
HI-Z
ACTIVE
0
1
ACTIVE
HI-Z
ACTIVE
HI-Z
1
1
HI-Z
HI-Z
HI-Z
HI-Z
DS8923A
DEN
REN
RO1
RO2
DO1
DO2
0
0
ACTIVE
ACTIVE
ACTIVE
ACTIVE
1
0
ACTIVE
ACTIVE
HI-Z
HI-Z
0
1
HI-Z
HI-Z
ACTIVE
ACTIVE
1
1
HI-Z
HI-Z
HI-Z
HI-Z
Absolute Maximum Ratings
(1) (2)
Supply Voltage
7V
Drive Input Voltage
−0.5V to +7V
Output Voltage
5.5V
Receiver Output Sink Current
50 mA
Receiver Input Voltage
±10V
Differential Input Voltage
±12V
Maximum Package Power Dissipation @ +25°C
D Package
1300 mW
NFG Package
1450 mW
Derate D Package 10.4 mW/°C above +25°C
Derate NFG Package 11.6 mW/°C above +25°C
Storage Temperature Range
−65°C to +165°C
Lead Temp. (Soldering, 4 seconds)
260°C
ESD Rating (HBM)
2000V+
(1)
“Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be ensured. They are not meant to imply
that the device should be operated at these limits. The Table of Electrical Characteristics provides conditions for actual device operation.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
Recommended Operating Conditions
Min
Max
Units
Supply Voltage
4.5
5.5
V
Temperature (TA)
0
70
°C
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS8922 DS8922A DS8923A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com