Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8923AM/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # DS8923AM/NOPB
Description  TRI-STATE RS-422 Dual Differential Line Driver and Receiver Pairs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS8923AM/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS8923AM/NOPB Datasheet HTML 2Page - Texas Instruments DS8923AM/NOPB Datasheet HTML 3Page - Texas Instruments DS8923AM/NOPB Datasheet HTML 4Page - Texas Instruments DS8923AM/NOPB Datasheet HTML 5Page - Texas Instruments DS8923AM/NOPB Datasheet HTML 6Page - Texas Instruments DS8923AM/NOPB Datasheet HTML 7Page - Texas Instruments DS8923AM/NOPB Datasheet HTML 8Page - Texas Instruments DS8923AM/NOPB Datasheet HTML 9Page - Texas Instruments DS8923AM/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
DS8922, DS8922A, DS8923A
SNLS373B – JUNE 1998 – REVISED APRIL 2013
www.ti.com
Figure 2.
Figure 3.
S1
S2
S3
TPLZ
Closed
Open
+2.5V
TPHZ
Open
Closed
−2.5V
TPZL
Closed
Open
+2.5V
TPZH
Open
Closed
−2.5V
Figure 4.
Figure 5.
6
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: DS8922 DS8922A DS8923A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com