Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8923AM/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # DS8923AM/NOPB
Description  TRI-STATE RS-422 Dual Differential Line Driver and Receiver Pairs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS8923AM/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  DS8923AM/NOPB Datasheet HTML 1Page - Texas Instruments DS8923AM/NOPB Datasheet HTML 2Page - Texas Instruments DS8923AM/NOPB Datasheet HTML 3Page - Texas Instruments DS8923AM/NOPB Datasheet HTML 4Page - Texas Instruments DS8923AM/NOPB Datasheet HTML 5Page - Texas Instruments DS8923AM/NOPB Datasheet HTML 6Page - Texas Instruments DS8923AM/NOPB Datasheet HTML 7Page - Texas Instruments DS8923AM/NOPB Datasheet HTML 8Page - Texas Instruments DS8923AM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
DS8922, DS8922A, DS8923A
SNLS373B – JUNE 1998 – REVISED APRIL 2013
www.ti.com
DS8922/22A and DS8923A Electrical Characteristics
(1) (2) (3)
Symbol
Conditions
Min
Typ
Max
Units
RECEIVER
VTH
−7V ≤ VCM ≤ +7V
−200
±35
+200
mV
VHYST
−7V ≤ VCM ≤ +7V
15
70
mV
RIN
V IN = −7V, +7V (Other Input = GND)
4.0
6.0
k
Ω
IIN
VIN = 10V
3.25
mA
VIN = −10V
−3.25
mA
VOH
V CC = MIN, IOH = − 400 μA
2.5
V
VOL
V CC = MAX, IOL = 8 mA
0.5
V
ISC
V CC = MAX, VOUT = 0V
−15
−100
mA
DRIVER
VOH
V CC = MIN, IOH = −20 mA
2.5
V
VOL
V CC = MIN, IOL = +20 mA
0.5
V
IOFF
V CC = 0V, VOUT = 5.5V
100
μA
|VT|–| VT |
0.4
V
VT
2.0
V
|VOS– VOS |
0.4
V
ISC
V CC = MAX, VOUT = 0V
−30
−150
mA
DRIVER and RECEIVER
IOZ
VOUT = 2.5V
50
μA
TRI-STATE
VCC = MAX
VOUT = 0.4V
−50
μA
Leakage
ICC
VCC = MAX
ACTIVE
76
mA
TRI-STATE
78
mA
DRIVER and ENABLE INPUTS
VIH
2.0
V
VIL
0.8
V
IIL
V CC = MAX, VIN = 0.4V
−40
−200
μA
IIH
V CC = MAX, VIN = 2.7V
20
μA
II
V CC = MAX, VIN = 7.0V
100
μA
VCL
V CC = MIN, IIN = −18 mA
−1.5
V
(1)
All currents into device pins are shown as positive values; all currents out of the device are shown as negative; all voltages are
referenced to ground unless otherwise specified. All values shown as max or min are classified on absolute value basis.
(2)
All typical values are VCC = 5V, TA = 25°C.
(3)
Only one output at a time should be shorted.
Receiver Switching Characteristics (Figure 1) (Figure 2) (Figure 2)
Parameter
Conditions
Min
Typ
Max
Units
8922
8922A/23A
TpLH
CL = 30 pF
12
22.5
20
ns
TpHL
CL = 30 pF
12
22.5
20
ns
|TpLH–T pHL|
CL = 30 pF
0.5
5
3.5
ns
Skew (Channel to Channel)
CL = 30 pF
0.5
3.0
2.0
ns
TpLZ
CL = 15 pF S2 Open
15
ns
TpHZ
CL = 15 pF S1 Open
15
ns
TpZL
CL = 30 pF S2 Open
20
ns
TpZH
CL = 30 pF S1 Open
20
ns
4
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: DS8922 DS8922A DS8923A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com