Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355CZCEA21 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355CZCEA21
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355CZCEA21 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TMS320DM355CZCEA21 Datasheet HTML 33Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 34Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 35Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 36Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 37Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 38Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 39Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 40Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 163 page
background image
TMS320DM355
www.ti.com
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
Table 2-21. System/Boot Terminal Functions (continued)
TERMINAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
Async EMIF: Address bus bit 08
GIO: GIO[062]
EM_A08/
PU
System: AECFG[0] sets default for:
GIO062/
T19
I/O/Z
VDD
AECFG[0]
•
PinMux2.EM_A0_BA1 - AEMIF address width (OneNAND, or NAND)
•
PinMux2.EM_A13_3 - AEMIF address width (OneNAND, or NAND)
2.19 Emulation
The emulation interface allow software and hardware debugging.
Table 2-22. Emulation Terminal Functions
TERMINAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
TCK
E10
I
VDD
JTAG test clock input
PU
TDI
D9
I
JTAG test data input
VDD
TDO
E9
O
VDD
JTAG test data output
PU
TMS
D8
I
JTAG test mode select
VDD
PD
TRST
C9
I
JTAG test logic reset (active low)
VDD
RTCK
E11
O
VDD
JTAG test clock output
JTAG emulation 0 I/O
PU
EMU0
E8
I/O/Z
EMU[1:0] = 00 - Force Debug Scan chain (ARM and ARM ETB TAPs connected)
VDD
EMU[1:0] = 11 - Normal Scan chain (ICEpick only)
JTAG emulation 1 I/O
PU
EMU1
E7
I/O/Z
EMU[1:0] = 00 - Force Debug Scan chain (ARM and ARM ETB TAPs connected)
VDD
EMU[1:0] = 11 - Normal Scan chain (ICEpick only)
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal.
(2)
Specifies the operating I/O supply voltage for each signal. See Section 5.3 , Power Supplies for more detail.
(3)
PD = pull-down, PU = pull-up. (To pull up a signal to the opposite supply rail, a 1 k
Ω resistor should be used.)
Copyright © 2007–2010, Texas Instruments Incorporated
Device Overview
37
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com