Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355CZCEA21 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355CZCEA21
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355CZCEA21 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320DM355CZCEA21 Datasheet HTML 35Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 36Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 37Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 38Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 39Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 40Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 41Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 42Page - Texas Instruments TMS320DM355CZCEA21 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 163 page
background image
TMS320DM355
www.ti.com
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
Table 2-23. DM355 Pin Descriptions (continued)
Name
BGA
Type Group
Power
PU
Reset
Description(4)
Mux Control
ID
(1)
Supply(2)
PD(3)
State
CIN3 / GIO097
J4
I/O
CCDC
VDD_VIN
PD
in
Standard CCD/CMOS input: raw[11]
PINMUX0[8].CIN_32
/ GIO
YCC 16-bit: time multiplexed between
chroma: CB/CR[03]
YCC 08-bit (which allows for 2 simultaneous
decoder inputs), it is time multiplexed
between luma and chroma of the upper
channel. Y/CB/CR[03]
GIO: GIO[097]
CIN2 / GIO096
J5
I/O
CCDC
VDD_VIN
PD
in
Standard CCD/CMOS input: raw[10]
PINMUX0[8].CIN_32
/ GIO
YCC 16-bit: time multiplexed between
chroma: CB/CR[02]
YCC 08-bit (which allows for 2 simultaneous
decoder inputs), it is time multiplexed
between luma and chroma of the upper
channel. Y/CB/CR[02]
GIO: GIO[096]
CIN1 / GIO095
L3
I/O
CCDC
VDD_VIN
PD
in
Standard CCD/CMOS input: raw[09]
PINMUX0[9].CIN_10
/ GIO
YCC 16-bit: time multiplexed between
chroma: CB/CR[01]
YCC 08-bit (which allows for 2 simultaneous
decoder inputs), it is time multiplexed
between luma and chroma of the upper
channel. Y/CB/CR[01]
GIO: GIO[095]
CIN0 / GIO094
J3
I/O
CCDC
VDD_VIN
PD
in
Standard CCD/CMOS input: raw[08]
PINMUX0[9].CIN_10
/ GIO
YCC 16-bit: time multiplexed between
chroma: CB/CR[00]
YCC 08-bit (which allows for 2 simultaneous
decoder inputs), it is time multiplexed
between luma and chroma of the upper
channel. Y/CB/CR[00]
GIO: GIO[094]
YIN7 / GIO093
L5
I/O
CCDC
VDD_VIN
PD
in
Standard CCD/CMOS input: raw[07]
PINMUX0[10].YIN_7
/ GIO
0
YCC 16-bit: time multiplexed between luma:
Y[07]
YCC 08-bit (which allows for 2 simultaneous
decoder inputs), it is time multiplexed
between luma and chroma of the lower
channel. Y/CB/CR[07]
GIO: GIO[093]
YIN6 / GIO092
M4
I/O
CCDC
VDD_VIN
PD
in
Standard CCD/CMOS input: raw[06]
PINMUX0[10].YIN_7
/ GIO
0
YCC 16-bit: time multiplexed between luma:
Y[06]
YCC 08-bit (which allows for 2 simultaneous
decoder inputs), it is time multiplexed
between luma and chroma of the lower
channel. Y/CB/CR[06]
GIO: GIO[092]
Copyright © 2007–2010, Texas Instruments Incorporated
Device Overview
39
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com