| Electronic Components Datasheet Search |
|
TMS320DM355CZCEA21 Datasheet(PDF) 95 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM355CZCEA21 Datasheet(HTML) 95 Page - Texas Instruments |
|
95 / 163 page ![]() TMS320DM355 www.ti.com SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010 3.14 64-Bit Crossbar Architecture The DM355 uses a 64-bit crossbar architecture to control access between device processors, subsystems and peripherals. It includes an EDMA Controller consisting of a DMA Transfer Controller (TC) and a DMA Channel Controller (CC). The TC provides two DMA channels for transfer between slave peripherals. The CC provides a user and event interface to the EDMA system. It includes up to 64 event channels to which all system synchronization events can be mapped and 8 auto submit “quick” channels (QDMA). In most ways, these channels are identical. A channel refers to a specific ‘event’ that can cause a transfer to be submitted to the TC as a Transfer Request. 3.14.1 Crossbar Connections There are five transfer masters (TCs have separate read and write connections) connected to the crossbar; ARM, the Video Processing Sub-system (VPSS), the master peripherals (USB), and two EDMA transfer controllers. These can be connected to four separate slave ports; ARM, the DDR EMIF, and CFG bus peripherals. Not all masters may connect to all slaves. Connection paths are indicated by √ at intersection points shown in Table 3-28 Table 3-28. Crossbar Connection Matrix Slave Module DMA Master ARM Internal MPEG4/JPEG Config Bus Registers and DDR EMIF Memory Memory Coprocessor Memory Memory ARM √ √ √ √ VPSS √ DMA Master Peripherals (USB) √ √ √ EDMA3TC0 √ √ √ √ EDMA3TC1 √ √ √ √ 3.14.2 EDMA Controller The EDMA controller handles all data transfers between memories and the device slave peripherals on the DM355 device. These are summarized as follows: • Transfer to/from on-chip memories – ARM program/data RAM – MPEG4/JPEG Coprocessor memory • Transfer to/from external storage – DDR2 / mDDR SDRAM – Asynchronous EMIF – OneNAND flash – NAND flash – Smart Media, SD, MMC, xD media storage • Transfer to/from peripherals – ASP – SPI – I2C – PWM – RTO – GPIO – Timer/WDT – UART – MMC/SD Copyright © 2007–2010, Texas Instruments Incorporated Detailed Device Description 95 Submit Documentation Feedback Product Folder Link(s): TMS320DM355 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |