Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FME28-461W/883 Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # FME28-461W/883
Description  EMI Input Filters 28 Volt Input ??15 Amp
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FME28-461W/883 Datasheet(HTML) 2 Page - Interpoint Corporation Company

  FME28-461W/883 Datasheet HTML 1Page - Interpoint Corporation Company FME28-461W/883 Datasheet HTML 2Page - Interpoint Corporation Company FME28-461W/883 Datasheet HTML 3Page - Interpoint Corporation Company FME28-461W/883 Datasheet HTML 4Page - Interpoint Corporation Company FME28-461W/883 Datasheet HTML 5Page - Interpoint Corporation Company FME28-461W/883 Datasheet HTML 6Page - Interpoint Corporation Company FME28-461W/883 Datasheet HTML 7Page - Interpoint Corporation Company FME28-461W/883 Datasheet HTML 8Page - Interpoint Corporation Company FME28-461W/883 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Operating COnditiOns and
CharaCteristiCs
input Voltage range
0 to 50 VDC continuous
•
Transient -100 to +100 volts for 100 ms
•
lead soldering temperature (10 sec per lead)
300°C
•
storage temperature range (tc)
-65°C to +150°C
•
case operating temperature (tc)
-55°C to +125°C full power
•
-55°C to +135°C absolute
•
Derating input/output current
Linearly from 15 A at 95°C to 10 A at 125°C to zero at 135° C
•
15 A max at 95°C to 10 A max at 125°C
•
isolation
100 megohm minimum at 500 VDC
•
Any pin to case
•
meChaniCal and envirOnmental
size (maximum)
Case U
•
3.005 x 1.505 x 0.400 inches (76.33 x 38.23 x 10.16 mm)
The image on page one shows Case U (flanged, short leads).
Also available:
•
Flanged: leads bent down (case V)
‣
Tabbed: leads bent up (case W)
‣
Tabbed: short leads (case Y)
‣
Tabbed: leads bent down (case Z).
‣
See cases U, V, W, Y, and Z for dimensions and options.
•
Weight (maximum)
77 grams typical cases U, V, W, Y, and Z
•
screening
The FME28 EMI Input filter offers Standard, /ES or 883, Class H,
QML screening. See page 13 “883 (Class H, QML), Standard and
/ES (non-QML)” screening table for more information.
Positive
Input
Input
Common
Positive
Output
Output
Common
FME28-461
FIguRe 2: scheMatIc
+Vin
+Vout
Input
Common
Output
Common
Case
RL
RL
EMI FILTER
DC/DC CONVERTER
+Vin
+Vout
Input
Common
Output
Common
Case
Chassis
ground
Multiple units
allowed up to
rated output
current of filter
FIguRe 1: cOnnectIOn dIagRaM
The case ground connection between the filter and the converter should be as
low an impedance as possible to minimize EMI. Direct contact of baseplate to
chassis ground provides the lowest impedance.
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 2 of 13
FMe28-461 eMi input Filters
28 Volt input – 15 aMp
FME28 Rev C - 20100226



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com