Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FME28-461W/883 Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # FME28-461W/883
Description  EMI Input Filters 28 Volt Input ??15 Amp
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FME28-461W/883 Datasheet(HTML) 5 Page - Interpoint Corporation Company

  FME28-461W/883 Datasheet HTML 1Page - Interpoint Corporation Company FME28-461W/883 Datasheet HTML 2Page - Interpoint Corporation Company FME28-461W/883 Datasheet HTML 3Page - Interpoint Corporation Company FME28-461W/883 Datasheet HTML 4Page - Interpoint Corporation Company FME28-461W/883 Datasheet HTML 5Page - Interpoint Corporation Company FME28-461W/883 Datasheet HTML 6Page - Interpoint Corporation Company FME28-461W/883 Datasheet HTML 7Page - Interpoint Corporation Company FME28-461W/883 Datasheet HTML 8Page - Interpoint Corporation Company FME28-461W/883 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Electrical Characteristics: 25°C tc, nominal Vin, unless otherwise specified.
Note
1. guaranteed by design, not tested.
2. 0.5 ohm source impedance
3. 15 A maximum at 95°C, derate linearly to 10A at 125°C
MODEL
FME28-461
paRaMeteR
cOndItIOns
MIN
TYP
MAX
unIts
Input vOltage
cOntInuOus
0
28
50
VDC
tRansIent 100 ms 1, 2
-100
—
100
V
nOIse ReJectIOn
500 khz
60
—
—
dB
1 Mhz
60
—
—
dc ResIstance (Rdc)
at MaXIMuM cuRRent 1
tc = 25°c
—
—
0.07
Ω
tc = 125°c
—
—
0.07
capacItance 1
anY pIn tO case
60,000
pF
Output vOltage
steadY state
VOUT = VIN - IIN (RDC)
VDC
Output cuRRent
steadY state
—
—
15 3
A
pOWeR dIssIpatIOn
at MaXIMuM cuRRent 1
tc = 25°c
—
—
13.5
W
tc = 125°c
—
—
19.7
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 5 of 13
FMe28-461 eMi input Filters
28 Volt input – 15 aMp
FME28 Rev C - 20100226



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com