Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FME28-461W/883 Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # FME28-461W/883
Description  EMI Input Filters 28 Volt Input ??15 Amp
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FME28-461W/883 Datasheet(HTML) 1 Page - Interpoint Corporation Company

  FME28-461W/883 Datasheet HTML 1Page - Interpoint Corporation Company FME28-461W/883 Datasheet HTML 2Page - Interpoint Corporation Company FME28-461W/883 Datasheet HTML 3Page - Interpoint Corporation Company FME28-461W/883 Datasheet HTML 4Page - Interpoint Corporation Company FME28-461W/883 Datasheet HTML 5Page - Interpoint Corporation Company FME28-461W/883 Datasheet HTML 6Page - Interpoint Corporation Company FME28-461W/883 Datasheet HTML 7Page - Interpoint Corporation Company FME28-461W/883 Datasheet HTML 8Page - Interpoint Corporation Company FME28-461W/883 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Description
The FME Series™ EMI filters are specifically designed to reduce
the reflected input ripple current of Interpoint’s high frequency
DC/DC converters. FME filters minimize electromagnetic interfer-
ence (EMI) for the MOR, MFL, MTR, MHV, MHF+, MHF, MTO
and MHE Series of converters. These filters are intended for
use in 28 volt applications which must meet MIL-STD-461C
CE03 levels of conducted emissions. One filter can be used with
multiple converters up to the rated output current of the filter.
Input RIpple and eMI
Switching DC/DC converters naturally generate two noise
components on the power input line: differential noise and
common mode noise. Input ripple current refers to both of these
components. Differential noise occurs between the positive input
and input common. Most Interpoint converters have an input filter
that reduces differential noise which is sufficient for many appli-
cations. Common mode noise occurs across stray capacitances
between the converter’s power train components and the base-
plate (bottom of the package) of the converter.
Where low noise currents are required to meet MIL-STD-461C,
a power line filter is needed. The FME28 EMI power line filters
reduces the common mode and differential noise generated by
the converters. FME28 filters reduce input ripple current by as
much as 60 dB at 500 kHz and 1 MHz when used in conjunction
with Interpoint’s DC/DC converters.
Place the filter as close as possible to the converter for optimum
performance. The baseplates of the filter and the converter
should be connected with the shortest and widest possible
conductors.
tRansIents
A transient of -100 to +100 V for up to 100 ms with a 0.5 ohm
source impedance will not damage the filter but will be passed on
to the converter:
OpeRatIOn OveR teMpeRatuRe
The FME28-461 Series filters are rated for operation from -55°C
to +125°C case temperature.
InseRtIOn lOss
The maximum dc insertion loss at full load and nominal input
voltage represents a power loss of less than 4%.
packagIng
FME28-461 filters are sealed in metal hermetic side-leaded pack-
ages. See cases U, V, W, Y, and Z.
Features
attenuation to 60 dB at 500 kHz
Operating temperature -55° to +125°C
•
Nominal 28 V input, 0 to 50 V operation
•
Transient rating to ±100 V for 100 ms
•
Up to 15 A throughput current
•
Compliant to MIL-STD-461C, CE03
•
Compatible with MIL-STD-704 A-E 28 VDC power bus
•
Crane Aerospace & Electronics Power Solutions
FMe28-461 eMi input Filters
Crane Aerospace & Electronics
Electronics Group (Interpoint Brand)
POBox97005•RedmondWA98073-9705
425.882.3100•power@crane-eg.com
www.interpoint.com
Page 1 of 13
FME28 Rev C - 20100226
28 Volt input – 15 aMp


Similar Part No. - FME28-461W/883

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FME28-461W/883 INTERPOINT-FME28-461W/883 Datasheet
238Kb / 16P
EMI INPUT FILTERS 28 & 270 VOLT INPUT
logo
Crane Aerospace & Elect...
FME28-461W/883 CRANE-FME28-461W/883 Datasheet
239Kb / 16P
EMI INPUT FILTERS 28 & 270 VOLT INPUT
More results

Similar Description - FME28-461W/883

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FM-461 INTERPOINT-FM-461 Datasheet
197Kb / 11P
EMI INPUT FILTERS 28 VOLT INPUT
FMC-461 INTERPOINT-FMC-461 Datasheet
121Kb / 8P
EMI INPUT FILTER 28 VOLT INPUT
FMD28-461 INTERPOINT-FMD28-461 Datasheet
238Kb / 16P
EMI INPUT FILTERS 28 & 270 VOLT INPUT
FMH-461 INTERPOINT-FMH-461 Datasheet
311Kb / 9P
EMI INPUT FILTER 28 VOLT INPUT
STF28-461 INTERPOINT-STF28-461 Datasheet
60Kb / 4P
EMI INPUT FILTER 28 VOLT INPUT
logo
Crane Aerospace & Elect...
FME28-461 CRANE-FME28-461 Datasheet
239Kb / 16P
EMI INPUT FILTERS 28 & 270 VOLT INPUT
FMSA-461 CRANE-FMSA-461 Datasheet
233Kb / 6P
EMI INPUT FILTER 28 VOLT INPUT
logo
Interpoint Corporation ...
FMCE-0828 INTERPOINT-FMCE-0828_11 Datasheet
1Mb / 11P
EMI Input Filters 28 Volt input ??8 Amp
FMD28-461 INTERPOINT-FMD28-461_14 Datasheet
201Kb / 8P
EMI Input Filters 28 Volt input ??7 Amp
FMGA-461 INTERPOINT-FMGA-461_15 Datasheet
349Kb / 14P
FMSA/FMGA EMI Input Filters 28 Volt Input - 0.8 AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com