Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FME28-461Y/883 Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # FME28-461Y/883
Description  EMI Input Filters 28 Volt Input ??15 Amp
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FME28-461Y/883 Datasheet(HTML) 4 Page - Interpoint Corporation Company

  FME28-461Y/883 Datasheet HTML 1Page - Interpoint Corporation Company FME28-461Y/883 Datasheet HTML 2Page - Interpoint Corporation Company FME28-461Y/883 Datasheet HTML 3Page - Interpoint Corporation Company FME28-461Y/883 Datasheet HTML 4Page - Interpoint Corporation Company FME28-461Y/883 Datasheet HTML 5Page - Interpoint Corporation Company FME28-461Y/883 Datasheet HTML 6Page - Interpoint Corporation Company FME28-461Y/883 Datasheet HTML 7Page - Interpoint Corporation Company FME28-461Y/883 Datasheet HTML 8Page - Interpoint Corporation Company FME28-461Y/883 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MoDel nuMBering key
FME 28 - 461 V / 883
Base Model
Input Voltage
MIL-STD-461 Reference
Screening
Case/Lead Option*
(Standard screening has no designator
in this position.)
MoDel selection
On the lines belOw, enter One selectiOn frOm under each categOry
tO determine the mOdel number
.
category
FMe28
-461
_______
/
______
Base MoDel anD
input Voltage
Mil-stD-461 reFerence
case/leaD
option 1
screening 2
selection
“FMe28” is the
only available
selection
“-461” is the only
available selection
u (leave blank)
standard (leave blank)
V
es
W
883 (class H, QMl)
y
Z
Notes:
1. Case U is the standard, side-leaded, flanged case. Leave the option blank for case U. Refer to the case drawings on pages 7 - 11 for other case options.
2. Leave blank for standard screening. Use “ES” for “ES” screening and “883” for Class H screening. See the table on page 13 for more information.
Dscc nuMBers
dscc drawing (5915)
fme28 similar Part
-95004-01HTC
FME28-461W/883
-95004-01HUC
FME28-461V/883
-95004-01HXC
FME28-461/883
-95004-01HYC
FME28-461Y/883
-95004-01HZC
FME28-461Z/883
For exact specifications for a DSCC product, refer to the
DSCC drawing. DSCC drawings can be downloaded
from: http://www.dscc.dla.mil/programs/smcr
*Case/Lead Option:
See cases U, V, W, Y, and Z for drawings and dimensions.
case options:
Dscc cross referenced
to interpoint
DSCC
Case Option
Interpoint
Case Option
T
W
U
V
X
(standard
case, no option
required)
Y
Y
Z
Z
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 4 of 13
FMe28-461 eMi input Filters
28 Volt input – 15 aMp
FME28 Rev C - 20100226



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com