Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FME28-461Y/883 Datasheet(PDF) 6 Page - Interpoint Corporation Company

Part # FME28-461Y/883
Description  EMI Input Filters 28 Volt Input ??15 Amp
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FME28-461Y/883 Datasheet(HTML) 6 Page - Interpoint Corporation Company

Back Button FME28-461Y/883 Datasheet HTML 2Page - Interpoint Corporation Company FME28-461Y/883 Datasheet HTML 3Page - Interpoint Corporation Company FME28-461Y/883 Datasheet HTML 4Page - Interpoint Corporation Company FME28-461Y/883 Datasheet HTML 5Page - Interpoint Corporation Company FME28-461Y/883 Datasheet HTML 6Page - Interpoint Corporation Company FME28-461Y/883 Datasheet HTML 7Page - Interpoint Corporation Company FME28-461Y/883 Datasheet HTML 8Page - Interpoint Corporation Company FME28-461Y/883 Datasheet HTML 9Page - Interpoint Corporation Company FME28-461Y/883 Datasheet HTML 10Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Typical Performance Curves: 25°C Tc, nominal Vin, unless otherwise specified.
FIguRe 4
FIguRe 6
Three paralleled and synchronized MFL2815D
converters without filtering.
FIguRe 5
FIguRe 7
CE03: Three paralleled and synchronized
MFL2815D converters with an FME28-461.
FREQUENCY (MHz)
0.1
11050
90
80
70
60
50
40
30
20
10
0
.015
CE03
LIMIT
NARROWBAND
FREQUENCY (MHz)
0.1
11050
90
80
70
60
50
40
30
20
10
0
.015
NARROWBAND
CE03
LIMIT
FREQUENCY (kHz)
1.0
10
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.1
100
DC BIAS: 1 AMP
FME28-461 OUTPUT IMPEDANCE
FREQUENCY (kHz)
1.0
10
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.1
100
DC BIAS: 10 AMP
FME28-461 OUTPUT IMPEDANCE
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 6 of 13
FMe28-461 eMi input Filters
28 Volt input – 15 aMp
FME28 Rev C - 20100226



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com