Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FME28-461Y/883 Datasheet(PDF) 10 Page - Interpoint Corporation Company

Part # FME28-461Y/883
Description  EMI Input Filters 28 Volt Input ??15 Amp
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FME28-461Y/883 Datasheet(HTML) 10 Page - Interpoint Corporation Company

Back Button FME28-461Y/883 Datasheet HTML 5Page - Interpoint Corporation Company FME28-461Y/883 Datasheet HTML 6Page - Interpoint Corporation Company FME28-461Y/883 Datasheet HTML 7Page - Interpoint Corporation Company FME28-461Y/883 Datasheet HTML 8Page - Interpoint Corporation Company FME28-461Y/883 Datasheet HTML 9Page - Interpoint Corporation Company FME28-461Y/883 Datasheet HTML 10Page - Interpoint Corporation Company FME28-461Y/883 Datasheet HTML 11Page - Interpoint Corporation Company FME28-461Y/883 Datasheet HTML 12Page - Interpoint Corporation Company FME28-461Y/883 Datasheet HTML 13Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Seam Seal
0.250 (6.35) Typ.
0.125
(3.18)
0.375
(9.53)
0.575
(14.61)
0.775
(19.69)
0.975
(24.77)
1.175
(29.85
1.375
(34.93)
1.625
(41.28)
0.140 dia
(3.56)
0.000
0.250 (6.35)
Typ.
1.750 (44.45)
2.000
(50.80)
TOP VIEW CASE Y*
Tabbed case, straight-leaded
0.000
0.220 (5.59)
0.400 (10.16) max.
0.30 ±0.05
(7.6 ±1.3)
Lead Detail
3.10 (78.7) Reference
0.040 dia
(1.02)
1
2
3
4
5
6
12
11
10
9
8
7
*Designator “Y” required in Case Option position of model number.
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage
the device. Solder pins individually with heat
application not exceeding 300°C for 10 seconds per pin.
Materials
Header
Cold Rolled Steel/Nickel/Gold
Cover
Kovar/Nickel
Pins
#52 alloy/Gold, compresssion glass seal
Seal Hole: 0.120 ±0.002 (3.05 ±0.05)
Case Y, Rev E, 20100401
Please refer to the numerical dimensions for accuracy. All information is believed to
be accurate, but no responsibility is assumed for errors or omissions. Interpoint
reserves the right to make changes in products or specifications without notice.
Copyright © 1999-2010 Interpoint Corp. All rights reserved.
FIguRe 11: case Y - FMe28-461Y
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 10 of 13
FMe28-461 eMi input Filters – cases
28 Volt input – 15 aMp
FME28 Rev C - 20100226



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com