Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFK2805S/883 Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # MFK2805S/883
Description  MFK S ingle and D ual D C-DC Converters 16 to 50 vol ts i npu t ??25 Watt
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFK2805S/883 Datasheet(HTML) 4 Page - Interpoint Corporation Company

  MFK2805S/883 Datasheet HTML 1Page - Interpoint Corporation Company MFK2805S/883 Datasheet HTML 2Page - Interpoint Corporation Company MFK2805S/883 Datasheet HTML 3Page - Interpoint Corporation Company MFK2805S/883 Datasheet HTML 4Page - Interpoint Corporation Company MFK2805S/883 Datasheet HTML 5Page - Interpoint Corporation Company MFK2805S/883 Datasheet HTML 6Page - Interpoint Corporation Company MFK2805S/883 Datasheet HTML 7Page - Interpoint Corporation Company MFK2805S/883 Datasheet HTML 8Page - Interpoint Corporation Company MFK2805S/883 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
MOdeLnUMbeRIngKey
MFK 28 12 D F / 883
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
(S = single, D = dual)
(R = decimal point, 3R3 = 3.3 Vout)
(Standard screening has no designator
in this position.)
Case Option
(Non-flanged case has no designator in
this position)
sMdnUMbeRs
Standard MicrOcircuit drawing
(SMd)
MFK SiMilar part
5962-1421001HXC
MFK281R8S/883
5962-1421002HXC
MFK282R5S/883
5962-1421003HXC
MFK283R3S/883
5962-1421004HXC
MFK2805S/883
5962-1421009HXC IN PROCESS
MFK285R2S/883
5962-1421005HXC
MFK285R7S/883
5962-1421006HXC
MFK2812S/883
5962-1421007HXC
MFK2815S/883
5962-1421008HTC
MFK2828S/883
5962-1421101HXC
MFK2805D/883
5962-1421102HXC
MFK2807D/883
5962-1421103HXC
MFK2812D/883
5962-1421104HXC
MFK2815D/883
The SMD number shown is for Class H screening, non-flanged. To
indicate the flanged case option change the “X” to “Z” In the SMD
number (“T” to “U” for 28 single). For exact specifications for an SMD
product, refer to the SMD drawing. SMDs can be downloaded from:
http://www.landandmaritime.dla.mil/programs/smcr
MOdeLnUMbeROPtIOns
tO deterMine the MOdel nuMber enter One OptiOn FrOM
each categOry in the FOrM belOw
.
CAtegORy
baseModeland
Inputvoltage
Outputvoltage1
numberof
Outputs2
CaseOptions3
screening4
options
MFK28
1R8, 2R5, 3R3, 05
5R2, 5R7, 12, 15, 28
S
(non-flanged, leave blank)
(standard, leave blank)
05, 07, 12, 15
D
F (flanged)
ES
883
FILLInFOR
MOdeL#
MFK28
/
Notes
1. Output Voltage: An R indicates a decimal point. 1R8 is 1.8 volts out. The values of 1.8, 2.5, 3.3 and 5.7 volts are only available in single output models.
2. Number of Outputs: S is a single output and D is a dual output.
3. Case Options: For the standard case, Figure 32 on page 18 or Figure 33 on page 19, leave the case option blank. For the flanged case option, Figure 34 on
page 20 or Figure 35 on page 21, insert the letter F in the Case Option position.
4. Screening: For standard screening leave the screening option blank. For other screening options, insert the desired screening level. For more information see
Table 11 on page 22 and Table 12 on page 23.
Figure 5: MoDeL nuMbering key
tAbLe 3: sMD Cross reFerenCe
tAbLe 4: MoDeL nuMber oPtions
Crane Aerospace & Electronics Power Solutions
MFKsingleanddualdC-dCConverters
28 Volt input – 25 Watt
www.craneae.com/interpoint
Page 4 of 23
MFK Rev AJ - 2016.04.25
16tO50vOLtsInPUt–25WAtt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com