Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFK2805S/883 Datasheet(PDF) 14 Page - Interpoint Corporation Company

Part # MFK2805S/883
Description  MFK S ingle and D ual D C-DC Converters 16 to 50 vol ts i npu t ??25 Watt
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFK2805S/883 Datasheet(HTML) 14 Page - Interpoint Corporation Company

Back Button MFK2805S/883 Datasheet HTML 10Page - Interpoint Corporation Company MFK2805S/883 Datasheet HTML 11Page - Interpoint Corporation Company MFK2805S/883 Datasheet HTML 12Page - Interpoint Corporation Company MFK2805S/883 Datasheet HTML 13Page - Interpoint Corporation Company MFK2805S/883 Datasheet HTML 14Page - Interpoint Corporation Company MFK2805S/883 Datasheet HTML 15Page - Interpoint Corporation Company MFK2805S/883 Datasheet HTML 16Page - Interpoint Corporation Company MFK2805S/883 Datasheet HTML 17Page - Interpoint Corporation Company MFK2805S/883 Datasheet HTML 18Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
tyPiCAL PerForMAnCe PLots: 25°C CAse, 28 vin, 100% LoAD, Free run, unLess otHerwise sPeCiFieD.
For reFerenCe onLy, not guArAnteeD sPeCiFiCAtions.
Crane Aerospace & Electronics Power Solutions
MFKsingleanddualdC-dCConverters
28 Volt input – 25 Watt
www.craneae.com/interpoint
Page 14 of 23
MFK Rev AJ - 2016.04.25
16tO50vOLtsInPUt–25WAtt
Figure 18
Figure 19
Figure 20
MFk2812s eFFiCienCy
MFk2815s eFFiCienCy
MFk2828s eFFiCienCy
MFK285R7S Efficiency will be added in the future.
WATTS
OUTPUT POWER
20%
100%
28 V
50 V
16 V
42 V
65
70
75
80
85
90
2.5
7
11.5
16
20.5
25
WATTS
OUTPUT POWER
20%
100%
28 V
50 V
16 V
42 V
65
70
75
80
85
90
2.5
7
11.5
16
20.5
25
70
75
80
85
90
5
10
15
20
25
WATTS
OUTPUT POWER
20%
100%
28 V
50 V
16 V
42 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com