Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFK2805S/883 Datasheet(PDF) 6 Page - Interpoint Corporation Company

Part # MFK2805S/883
Description  MFK S ingle and D ual D C-DC Converters 16 to 50 vol ts i npu t ??25 Watt
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFK2805S/883 Datasheet(HTML) 6 Page - Interpoint Corporation Company

Back Button MFK2805S/883 Datasheet HTML 2Page - Interpoint Corporation Company MFK2805S/883 Datasheet HTML 3Page - Interpoint Corporation Company MFK2805S/883 Datasheet HTML 4Page - Interpoint Corporation Company MFK2805S/883 Datasheet HTML 5Page - Interpoint Corporation Company MFK2805S/883 Datasheet HTML 6Page - Interpoint Corporation Company MFK2805S/883 Datasheet HTML 7Page - Interpoint Corporation Company MFK2805S/883 Datasheet HTML 8Page - Interpoint Corporation Company MFK2805S/883 Datasheet HTML 9Page - Interpoint Corporation Company MFK2805S/883 Datasheet HTML 10Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
tAbLe 6: eLeCtriCAL CHArACteristiCs -55°C to +125°C CAse, 28 vin, 100% LoAD, Free run, unLess otHerwise sPeCiFieD.
Notes
1. Guaranteed by characterization test and/or analysis. Not a production test.
2. A minimum load of 20% is recommended.
3. Short circuit measured with 1% 10 milliohm resistive load.
4. Indefinite short circuit protection not guaranteed above 125°C.
5. Recovery and startup times are measured from application of the transient or
change in condition to the point at which VOUT is within 1% of final value. CL = 0.
6. Step load transition time 10 µs ±1 µs.
7. Step line transition time 100 µs ±20 µs.
8. Tested on release from inhibit.
SINGLE OUTPUT MODELS
MFK281R8S
MFK282R5S
MFK283R3S
UNITS
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
OUTPUT VOLTAGE
1.74
1.80
1.86
2.42
2.50
2.58
3.20
3.30
3.40
V
OUTPUT CURRENT 2
VIN = 16 TO 50
5.56
5.0
4.55
A
OUTPUT POWER 2
VIN = 16 TO 50
10
12.5
15
W
OUTPUT RIPPLE
TC = 25°C
30
60
30
60
25
60
mV p-p
10 kHz - 20 MHz
TC = -55°C TO +125°C
35
80
35
80
30
80
LINE REGULATION
VIN = 16 TO 50
5
20
5
20
5
20
mV
LOAD REGULATION
NO LOAD TO FULL
10
25
5
25
5
25
mV
INPUT VOLTAGE
CONTINUOUS
16
28
50
16
28
50
16
28
50
V
NO LOAD TO FULL
TRANSIENT 1 sec.1
65
65
65
V
INPUT CURRENT
NO LOAD
25
50
25
50
25
50
mA
INHIBITED
2.5
4
2.5
4
2.5
4
INPUT RIPPLE CURRENT
10 kHz - 20 MHz
30
75
30
80
30
80
mA p-p
EFFICIENCY
TC = 25°C
69
72
73
76
76
79
%
TC = -55°C TO +125°C
67
71
74
LOAD FAULT 3, 4
POWER DISSIPATION
8.5
8.5
8.5
W
SHORT CIRCUIT
RECOVERY 1
20
20
20
ms
STEP LOAD RESPONSE 5, 6
TRANSIENT
125
200
125
200
125
200
mV pk
50% - 100% - 50%
RECOVERY
200
400
100
300
200
300
µs
STEP LINE RESPONSE 1, 5, 7
TRANSIENT
350
350
350
mV pk
16 - 50 - 16 V
RECOVERY
0.5
1
0.5
1
0.5
1
ms
START-UP 8
DELAY
25
25
25
ms
FULL LOAD
OVERSHOOT 1
50
50
50
mV pk
CAPACITIVE LOAD 1
NO EFFECT ON DC
2000
2000
2000
µF
TC = 25°C
PERFORMANCE
Crane Aerospace & Electronics Power Solutions
MFKsingleanddualdC-dCConverters
28 Volt input – 25 Watt
www.craneae.com/interpoint
Page 6 of 23
MFK Rev AJ - 2016.04.25
16tO50vOLtsInPUt–25WAtt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com