Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTR2812S/883 Datasheet(PDF) 20 Page - Interpoint Corporation Company

Part # MTR2812S/883
Description  MTR (50) Single and Dual DC-DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTR2812S/883 Datasheet(HTML) 20 Page - Interpoint Corporation Company

Back Button MTR2812S/883 Datasheet HTML 12Page - Interpoint Corporation Company MTR2812S/883 Datasheet HTML 13Page - Interpoint Corporation Company MTR2812S/883 Datasheet HTML 14Page - Interpoint Corporation Company MTR2812S/883 Datasheet HTML 15Page - Interpoint Corporation Company MTR2812S/883 Datasheet HTML 16Page - Interpoint Corporation Company MTR2812S/883 Datasheet HTML 17Page - Interpoint Corporation Company MTR2812S/883 Datasheet HTML 18Page - Interpoint Corporation Company MTR2812S/883 Datasheet HTML 19Page - Interpoint Corporation Company MTR2812S/883 Datasheet HTML 20Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
tabLe 10: environMentaL sCreening
Crane Aerospace & Electronics Power Solutions
Mtr (50) single and Dual DC-DC Converters
MTR(50)SingleandDual,MTR-02RevAE-2016.04.26.Thisrevisionsupersedesallpreviousreleases.Alltechnicalinformationisbelievedto
beaccurate,butnoresponsibilityisassumedforerrorsoromissions.CraneElectronics,Inc.reservestherighttomakechangesinproductsor
specificationswithoutnotice.InterpointisaregisteredtrademarkofCraneCo.MTRSeriesisatrademarkofCraneElectronics,Inc.
Copyright©1999-2016CraneElectronics,Inc.Allrightsreserved.www.craneae.com/interpoint
Page20of20
28 (16-50) VOlt INPut – 30 Watt
Tableisforreferenceonly.SeeindividualSeries'datasheetsforspecificscreening.
tabLe 9: environMentaL sCreening high reLiabiLity DC-DC Converters anD eMi FiLters stanDarD, /es anD /883 (CLass h)
enVirOnmental Screening high reliability
Standard, /eS and /883 (claSS h)
nOn
-Qml 1
Qml 2
teSt perfOrmed
Standard
/eS
claSS h
/883
Pre-cap Inspection, Method 2017, 2032
n
n
n
temperature Cycle (10 times)
Method1010,Cond.C,-65°Cto+150°C,ambient
n
Method1010,Cond.B,-55°Cto+125°C,ambient
n
Constant acceleration
Method2001,3000g
n
Method2001,500g
n
PIND, test Method 2020, Cond. a
n
3
burn-in Method 1015, +125°C case, typical 4
96hours
n
160hours
n
Final electrical test, MIl-PrF-38534, group a,
Subgroups1through6,-55°C,+25°C,+125°Ccase
n
Subgroups1and4,+25°Ccase
n
n
Hermeticity test
GrossLeak,Cond.C1,fluorocarbon
n
n
FineLeak,Cond.A2,helium
n
n
GrossLeak,Dip
n
Final visual inspection, Method 2009
n
n
n
TestmethodsarereferencedtoMIL-STD-883asdeterminedbyMIL-PRF-38534.
Notes
1.StandardandESarenon-QMLproductsandmaynotmeetalloftherequirementsofMIL-PRF-38534.
2.AllprocessesareQMLqualifiedandperformedbycertifiedoperators.
3.NotrequiredbyDLAbutperformedtoassureproductquality.
4.Burn-intemperaturedesignedtobringthecasetemperatureto+125°Cminimum.
Burn-inisapoweredtest.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com