Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTR2812S/883 Datasheet(PDF) 16 Page - Interpoint Corporation Company

Part # MTR2812S/883
Description  MTR (50) Single and Dual DC-DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTR2812S/883 Datasheet(HTML) 16 Page - Interpoint Corporation Company

Back Button MTR2812S/883 Datasheet HTML 12Page - Interpoint Corporation Company MTR2812S/883 Datasheet HTML 13Page - Interpoint Corporation Company MTR2812S/883 Datasheet HTML 14Page - Interpoint Corporation Company MTR2812S/883 Datasheet HTML 15Page - Interpoint Corporation Company MTR2812S/883 Datasheet HTML 16Page - Interpoint Corporation Company MTR2812S/883 Datasheet HTML 17Page - Interpoint Corporation Company MTR2812S/883 Datasheet HTML 18Page - Interpoint Corporation Company MTR2812S/883 Datasheet HTML 19Page - Interpoint Corporation Company MTR2812S/883 Datasheet HTML 20Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
typiCaL perForManCe pLots: 25°C Case, 28 vin, 100% LoaD, Free run, unLess otherwise speCiFieD.
For reFerenCe onLy, not guaranteeD speCiFiCations.
65
70
75
80
85
90
5
10
15
20
25
WATTS
OUTPUT POWER
20%
100%
28 V
50 V
16 V
42 V
Figure 28
Figure 29
Mtr2815D eFFiCienCy
Mtr2812D eFFiCienCy
50
55
60
65
70
75
80
85
5
10
15
20
25
30
WATTS
OUTPUT POWER
20%
100%
28 V
50 V
16 V
42 V
Crane Aerospace & Electronics Power Solutions
Mtr (50) single and Dual DC-DC Converters
28 (16-50) VOlt INPut – 30 Watt
www.craneae.com/interpoint
Page16of20
MTR-02RevAE-2016.04.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com