Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTR2812S/883 Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # MTR2812S/883
Description  MTR (50) Single and Dual DC-DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTR2812S/883 Datasheet(HTML) 4 Page - Interpoint Corporation Company

  MTR2812S/883 Datasheet HTML 1Page - Interpoint Corporation Company MTR2812S/883 Datasheet HTML 2Page - Interpoint Corporation Company MTR2812S/883 Datasheet HTML 3Page - Interpoint Corporation Company MTR2812S/883 Datasheet HTML 4Page - Interpoint Corporation Company MTR2812S/883 Datasheet HTML 5Page - Interpoint Corporation Company MTR2812S/883 Datasheet HTML 6Page - Interpoint Corporation Company MTR2812S/883 Datasheet HTML 7Page - Interpoint Corporation Company MTR2812S/883 Datasheet HTML 8Page - Interpoint Corporation Company MTR2812S/883 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
NotesforRemoteSenseandTrim
1.Whentrimmingoutputvoltageand/orremotesensing,thetotaloutputvoltageincreasemustbe
lessthan0.6voltsattheconverterspins.Donotexceedthemaximumpower.
2.Ifneithervoltagetrimnorremotesensewillbeused,connectpin3topin4andpin5topin6.
3.CAUTION:Theconverterwillbepermanentlydamagediftheremotesense(pin6)isshortedto
ground.Damagemayalsoresultiftheoutputcommonorpositiveoutputisdisconnectedfrom
theloadwhentheremotesenseleadsareconnectedtotheload.
4.Whenusingremotesenseforvoltagecompensationorwhenusingremotesensefortrim,the
outputwilldriftovertemperature.ContactApplicationsEngineeringformoreinformationat
powerapps@crane-eg.com
EXTERNAL TRIM CONNECTION
1 Make connections at converter.
RL
OUTPUT
COMMON
MTR SINGLE OUTPUT CONVERTER
4
3
5
10
1
POSITIVE
INPUT
INPUT
COMMON
6
SENSE
RETURN
POSITIVE
SENSE
POSITIVE
OUTPUT
RT
1
1
Figure 3: triM ConneCtion 1, 2, 3
TrimFormulas
Vout=desiredoutputvoltage;Rt=trimresistor
3.3V:Rt=1300*Vout–4304
1.2475
5V: Rt=1300*Vout–6512
1.2475
8.5V:Rt=1300*Vout–11015
1.2475
12V: Rt=1300*Vout–15631
1.2475
15V: Rt=1300*Vout–19498
1.2475
RL
OUTPUT
COMMON
REMOTE SENSE CONNECTION
2 Make connections at load.
MTR SINGLE OUTPUT CONVERTER
4
3
5
10
1
INPUT
COMMON
6
SENSE
RETURN
POSITIVE
OUTPUT
2
2
POSITIVE
INPUT
POSITIVE
SENSE
Figure 4: reMote sense ConneCtion 4
trIM aND reMOte seNse (aVaIlable ON sINgle OutPut MODels ONly)
Crane Aerospace & Electronics Power Solutions
Mtr (50) single and Dual DC-DC Converters
28 (16-50) VOlt INPut – 30 Watt
www.craneae.com/interpoint
Page4of20
MTR-02RevAE-2016.04.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com