Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHF2815D/883 Datasheet(PDF) 8 Page - Interpoint Corporation Company

Part # MHF2815D/883
Description  MHF Single, Dual and Triple DC-DC Converters
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHF2815D/883 Datasheet(HTML) 8 Page - Interpoint Corporation Company

Back Button MHF2815D/883 Datasheet HTML 4Page - Interpoint Corporation Company MHF2815D/883 Datasheet HTML 5Page - Interpoint Corporation Company MHF2815D/883 Datasheet HTML 6Page - Interpoint Corporation Company MHF2815D/883 Datasheet HTML 7Page - Interpoint Corporation Company MHF2815D/883 Datasheet HTML 8Page - Interpoint Corporation Company MHF2815D/883 Datasheet HTML 9Page - Interpoint Corporation Company MHF2815D/883 Datasheet HTML 10Page - Interpoint Corporation Company MHF2815D/883 Datasheet HTML 11Page - Interpoint Corporation Company MHF2815D/883 Datasheet HTML 12Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
all MOdelS
ParaMeTer
COndiTiOnS
Min
TYP
MaX
uniTS
lead SOldering TeMPeraTure 1
10 SeCOndS MaX.
—
—
300
°C
STOrage TeMPeraTure 1
-65
—
+150
°C
CaSe OPeraTing
Full POWer
-55
—
+125
°C
TeMPeraTure
aBSOluTe 1
-55
—
+135
deraTing OuTPuT POWer/CurrenT 1
linearlY
From 100% at 125°C to 0% at 135°C
eSd raTing 1 ClaSS 3B
Mil-PrF-38534, 3.9.5.8.2
Mil-STd-883
MeTHOd 3015
>8000
V
iSOlaTiOn: inPuT TO OuTPuT Or anY
@ 500 VDC AT 25°C
100
—
—
Megohms
Pin TO CaSe eXCePT CaSe Pin
UnDeRVolTAge loCKoUT
SingleS and dualS
—
14
—
V
TriPleS
—
8.5
—
inPuT TO OuTPuT CaPaCiTanCe 1
—
60
—
pF
CurrenT liMiT 2
SingleS and dualS
—
115
—
%
% OF Full lOad
TriPleS
—
130
—
audiO reJeCTiOn 1
—
50
—
dB
ConVeRSIon FReQUenCY
SingleS and dualS
480
—
620
kHz
Free run -55°C TO +125°C
TriPleS
375
—
500
SYnCHRonIZATIon 3
InpUT FReQUenCY
SingleS and dualS
500
—
600
kHz
TriPleS
400
—
600
duTY CYCle 1
40
—
60
%
ACTIVe loW
—
—
0.8
V
ACTIVe HIgH 1
4.0
—
5.0
reFerenCed TO
inPuT COMMOn
iF nOT uSed, SingleS and dualS
COnneCT TO inPuT COMMOn
iF nOT uSed, TriPleS
leAVe UnConneCTeD
InHIBIT ACTIVe loW (oUTpUT DISABleD)
inHiBiT Pin Pulled lOW
—
—
0.8
V
do not apply a voltage to the inhibit pin. 4
inHiBiT Pin SOurCe CurrenT 1
—
—
5
ma
reFerenCed TO
inPuT COMMOn
InHIBIT ACTIVe HIgH (oUTpUT enABleD)
inHiBiT Pin COndiTiOn
OPen COlleCTOr Or
do not apply a voltage to the inhibit pin. 4
unCOnneCTed
open InHIBIT pIn VolTAge 1
Single and dual
8.5
10
12
V
TriPle
—
11
—
notes
1. guaranteed by design and/or analysis. not an in-line test.
2. Dual and triple outputs: The over-current limit will trigger when the sum of the currents from both dual outputs or both auxiliary outputs (triple)
reaches the maximum rated “total” current of both outputs. Typical values are stated in the table.
3. Triple models: Source impedance should be <100 ohms and the transition times should be <100 nanoseconds.
4. An external inhibit interface should be used to pull the inhibit low or leave it floating. The inhibit pin can be left unconnected if not used.
table 5: oPerating ConDitions, all MoDels : 25°C Case, 28 vin, 100% loaD, unless otherwise sPeCiFieD.
For mean time between failures (MTBF) contact Applications Engineering: powerapps@crane-eg.com or +1.425.882.3100 option 7
www.craneae.com/interpoint
Page 8 of 23
Crane Aerospace & Electronics Power Solutions
mHF+ Single, Dual and Triple DC-DC Converters
28 VOlT INPuT – 15 WaTT
MHF+ rev aB - 2014.10.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com