Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHF2815D/883 Datasheet(PDF) 13 Page - Interpoint Corporation Company

Part # MHF2815D/883
Description  MHF Single, Dual and Triple DC-DC Converters
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHF2815D/883 Datasheet(HTML) 13 Page - Interpoint Corporation Company

Back Button MHF2815D/883 Datasheet HTML 9Page - Interpoint Corporation Company MHF2815D/883 Datasheet HTML 10Page - Interpoint Corporation Company MHF2815D/883 Datasheet HTML 11Page - Interpoint Corporation Company MHF2815D/883 Datasheet HTML 12Page - Interpoint Corporation Company MHF2815D/883 Datasheet HTML 13Page - Interpoint Corporation Company MHF2815D/883 Datasheet HTML 14Page - Interpoint Corporation Company MHF2815D/883 Datasheet HTML 15Page - Interpoint Corporation Company MHF2815D/883 Datasheet HTML 16Page - Interpoint Corporation Company MHF2815D/883 Datasheet HTML 17Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
table 10: eleCtriCal CharaCteristiCs -55°C to +125°C Case, 28 vin, 100% loaD, Free run, unless otherwise sPeCiFieD.
TriPle OuTPuT MOdel – MHF+28512T
5 2 (Main)
±12 (auXiliarieS)
uniTS
ParaMeTer
COndiTiOnS
Min
TYP
MaX
Min
TYP
MaX
oUTpUT VolTAge
VOuT
4.85 2 5.00
5.15
±11.52
±12.00
±12.48
V
OuTPuT CurrenT 3
eiTHer OuTPuT
—
—
1.5
0
±0.313
0.416 1
a
Vin = 16 TO 48 V
TOTal
—
—
1.5
—
—
0.625
OuTPuT POWer 4
eiTHer OuTPuT
—
—
7.5
—
±3.75
5 1
W
Vin = 16 TO 48 V
TOTal
—
—
7.5
—
—
7.5
OuTPuT riPPle
TC = 25°C
—
20
60
—
±30
±90
mV p-p
10 kHz - 2 MHz
TC = -55°C TO +125°C
—
—
90
—
—
±180
line regulaTiOn
Vin = 16 TO 48 V
—
25
75
—
±120
±240
mV
lOad regulaTiOn 5
nO lOad TO Full
—
22
75
—
±120
±240
mV
CrOSS regulaTiOn 6
TC = 25°C
eFFeCT on negATIVe
auXiliarY
—
—
—
—
—
750
mV
InpUT VolTAge
COnTinuOuS
16
28
48
—
—
—
V
nO lOad TO Full
TranSienT 1 120 ms
—
—
80
—
—
—
V
inPuT CurrenT
nO lOad
—
30
45
—
—
—
ma
inHiBiTed
—
3
5
—
—
—
inPuT riPPle CurrenT 3
10 kHz - 10 MHz
—
20
50
—
—
—
ma p-p
eFFiCienCY
TC = 25°C
74
76
—
—
—
—
%
TC = -55°C TO +125°C
72
—
—
—
—
—
lOad FaulT 7, 8
POWer diSSiPaTiOn
—
—
12
—
—
±12
W
SHOrT CirCuiT
ReCoVeRY 1
—
—
25
—
—
25
ms
STeP lOad reSPOnSe 9, 10 TranSienT
—
—
±850
—
—
±950
mV pk
ReCoVeRY
—
5
8
—
2
3
ms
STeP line reSPOnSe 1, 9, 11 TranSienT
—
—
±800
—
—
±800
mV pk
Vin = 16 - 40 - 16 V
ReCoVeRY
—
—
5
—
—
5
ms
STarT-uP 12
delaY
nO lOad and Full
—
10
25
—
10
±25
ms
oVeRSHooT 1
—
—
500
—
—
±500
mV pk
notes
1. guaranteed by qualification test and/or analysis. not an in-line test.
2. If running with external sync, at temperature extremes VOuT main may be
a minimum of 4.80 volts to a maximum of 5.20 volts.
3. The sum of the 12 volt auxiliary output currents may not exceed 625 mA.
4. The sum of the auxiliary output power may not exceed 7.5 watts. Up to 5
watts (approximately 66%) of the total auxiliary output power is available
from either output providing the opposite output is simultaneously carrying
2.5 watts (approximately 33%) of the total auxiliary power.
5. load regulation for the +5 is specified at 0.0 to 1.5 A with the auxiliaries
both held at 3.75 W (313 mA). load regulation for the auxiliaries is
specified as both auxiliaries from 0.0 to 3.75 W (313 mA) at the same time
with the +5 held at 1.5 a.
6. Cross regulation only occurs between the two auxiliaries and is measured
on –aux. +5 is held constant at 1.0 A. Cross regulation is specified for two
conditions:
negative aux.= 3.76 W; positive aux.= 0.37 W to 3.76 W.
negative aux. = 0.37 W to 3.76 W; positive aux. = 3.76 W.
7. load fault = < 0.100 Ω.
8. indefinite short circuit protection not guaranteed above 125°C case.
9. Time to settle to within 1% of VOuT final value.
10. Step transition time > 10 µs.
11. Step transition time 100 µs ±20%.
12. Measured on release from inhibit.
www.craneae.com/interpoint
Page 13 of 23
Crane Aerospace & Electronics Power Solutions
mHF+ Single, Dual and Triple DC-DC Converters
28 VOlT INPuT – 15 WaTT
MHF+ rev aB - 2014.10.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com