Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHF2815D/883 Datasheet(PDF) 9 Page - Interpoint Corporation Company

Part # MHF2815D/883
Description  MHF Single, Dual and Triple DC-DC Converters
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHF2815D/883 Datasheet(HTML) 9 Page - Interpoint Corporation Company

Back Button MHF2815D/883 Datasheet HTML 5Page - Interpoint Corporation Company MHF2815D/883 Datasheet HTML 6Page - Interpoint Corporation Company MHF2815D/883 Datasheet HTML 7Page - Interpoint Corporation Company MHF2815D/883 Datasheet HTML 8Page - Interpoint Corporation Company MHF2815D/883 Datasheet HTML 9Page - Interpoint Corporation Company MHF2815D/883 Datasheet HTML 10Page - Interpoint Corporation Company MHF2815D/883 Datasheet HTML 11Page - Interpoint Corporation Company MHF2815D/883 Datasheet HTML 12Page - Interpoint Corporation Company MHF2815D/883 Datasheet HTML 13Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
notes
1. guaranteed by qualification test and/or analysis. not an in-line test.
2. For MHF+281r9, load regulation is tested from a 10 ma load to full load.
3. indefinite short circuit protection not guaranteed above 125°C (case).
4. recovery time is measured from application of the transient to the point at which
VOuT is within regulation.
5. Step transition time >10 µs.
6. Step transition time 100 µs ±20%
7. Step line is 20 - 32 - 20 volts for MHF+281r39S.
8. Measured on release from inhibit.
9. no effect on dc performance.
table 6: eleCtriCal CharaCteristiCs -55°C to +125°C Case, 28 vin, 100% loaD, Free run, unless otherwise sPeCiFieD.
Single OuTPuT MOdelS
MHF+281r9S
MHF+283r3S
MHF+2805S
uniTS
ParaMeTer
COndiTiOnS
Min
TYP
MaX
Min
TYP
MaX
Min
TYP
MaX
oUTpUT VolTAge
1.84
1.90
1.96
3.20
3.30
3.40
4.85
5.00
5.15
V
OuTPuT CurrenT
Vin = 16 TO 40 V
0
–
3.5
0
—
2.4
0
—
2.4
a
OuTPuT POWer
Vin = 16 TO 40 V
0
—
6.65
0
—
8
0
—
12
W
OuTPuT riPPle
TC = 25°C
—
7
30
—
30
80
—
30
80
mV p-p
10 kHz - 2 MHz
TC = -55°C TO +125°C
—
12
40
—
50
240
—
60
100
line regulaTiOn
Vin = 16 TO 40 V
—
1
40
–
5
100
—
5
50
mV
lOad regulaTiOn 2
nO lOad TO Full
—
35
55
–
20
50
—
20
50
mV
InpUT VolTAge
COnTinuOuS
20
28
32
16
28
40
16
28
40
V
nO lOad TO Full
TranSienT 50 ms 1
—
—
35
—
—
50
—
—
50
V
inPuT CurrenT
nO lOad
—
16
35
—
25
40
—
25
40
ma
inHiBiTed
—
2
7
—
5
12
—
5
12
inPuT riPPle CurrenT
10 kHz - 10 MHz
—
30
70
–
45
120
—
35
100
ma p-p
eFFiCienCY
TC = 25°C
58
62
—
70
75
–
75
77
—
%
TC = -55°C TO +125°C
56
—
—
67
—
—
72
—
—
lOad FaulT 3
POWer diSSiPaTiOn
—
4
8
—
5
8
—
3.5
6
W
SHOrT CirCuiT
ReCoVeRY 1
—
5
30
—
7.5
30
—
7.5
30
ms
STeP lOad reSPOnSe 4, 5
TranSienT
—
±75
±500
—
±150
±400
—
±150
±400
mV pk
50% - 100% - 50%
ReCoVeRY
—
500
2000
—
150
300
—
150
300
µs
STeP line reSPOnSe 1, 4, 6, 7 TranSienT
—
±300
±600
—
±550
±800
—
±550
±800
mV pk
Vin = 16 - 40 - 16 V
ReCoVeRY
—
0.5
1.2
—
0.8
1.2
—
0.8
1.2
ms
STarT-uP 8
delaY
—
12
35
–
10
25
—
10
25
ms
oVeRSHooT 1
—
500
850
—
200
300
—
100
600
mV pk
CApACITIVe loAD 1, 9
TC = 25°C
—
—
100
–
–
300
–
–
300
µF
www.craneae.com/interpoint
Page 9 of 23
Crane Aerospace & Electronics Power Solutions
mHF+ Single, Dual and Triple DC-DC Converters
28 VOlT INPuT – 15 WaTT
MHF+ rev aB - 2014.10.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com