Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLH2815S/KR Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # SLH2815S/KR
Description  SLH Single and Dual DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SLH2815S/KR Datasheet(HTML) 4 Page - Interpoint Corporation Company

  SLH2815S/KR Datasheet HTML 1Page - Interpoint Corporation Company SLH2815S/KR Datasheet HTML 2Page - Interpoint Corporation Company SLH2815S/KR Datasheet HTML 3Page - Interpoint Corporation Company SLH2815S/KR Datasheet HTML 4Page - Interpoint Corporation Company SLH2815S/KR Datasheet HTML 5Page - Interpoint Corporation Company SLH2815S/KR Datasheet HTML 6Page - Interpoint Corporation Company SLH2815S/KR Datasheet HTML 7Page - Interpoint Corporation Company SLH2815S/KR Datasheet HTML 8Page - Interpoint Corporation Company SLH2815S/KR Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ALL MODELS
PARAMETER
COnDITIOnS
MIn
TYP
MAX
UnITS
LEAD SOLDERIng TEMPERATURE 1
10 SECOnDS MAX.
—
—
300
°C
STORAgE TEMPERATURE
-65
—
+150
°C
CASE OPERATIng
FULL POWER
-55
—
+125
°C
TEMPERATURE
ABSOLUTE 1
-55
—
+135
DERATIng OUTPUT POWER/CURREnT 1
LInEARLY
From 100% at 125°C to 0% at 135°C
ESD RATIng 1
MIL-STD-883 METHOD 3015
—
—
≥8000
V
MIL-PRF-38534, 3.9.5.8.2
CLASS 3B
ISOLATIOn, InPUT TO OUTPUT OR
@ 500 VDC AT 25°C
100
—
—
Megohms
AnY PIn TO CASE EXCEPT CASE PIn
InPUT TO OUTPUT CAPACITAnCE 1
—
100 - 170
—
pF
COnVERSIOn FREQUEnCY
5, 12, 15, ±5 AnD ±15
220
280
320
kHz
-55° TO +125°C
±12
220
—
420
InHIBIT ACTIVE LOW (OUTPUT DISABLED)
Do not apply a voltage to the inhibit pin 2
InHIBIT PIn PULLED LOW
—
—
0.5
V
InHIBIT PIn SOURCE
CURREnT 1
—
—
2
mA
REFEREnCED TO
InPUT COMMOn
InHIBIT ACTIVE HIgH (OUTPUT EnABLED)
Do not apply a voltage to the inhibit pin 2
InHIBIT PIn COnDITIOn
OPEn COLLECTOR OR
UnCOnnECTED
OPEn InHIBIT PIn
VOLTAgE 1
7
—
8
V
tabLe 5: oPerating conDitionS - aLL moDeLS, 25°c caSe, 28 voLtS vin, unLeSS otherwiSe SPeciFieD
notes:
1. guaranteed by qualification test and/or analysis. not an in-line test.
2. An external inhibit interface should be used to pull the inhibit low or leave it floating. The inhibit pin can be left unconnected if not used. Do not
apply an external pull-up.
For mean time between failures (MTBF) contact Applications Engineering
powerapps@crane-eg.com +1 425-882-3100 option 7
Crane Aerospace & Electronics Power Solutions
SLH Single and Dual DC-DC Converters
28 VoLt input – 1.5 Watt
Page 4 of 12
www.craneae.com/interpoint
SLH Rev AB - 2015.10.22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com