Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLH2815S/KR Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # SLH2815S/KR
Description  SLH Single and Dual DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SLH2815S/KR Datasheet(HTML) 5 Page - Interpoint Corporation Company

  SLH2815S/KR Datasheet HTML 1Page - Interpoint Corporation Company SLH2815S/KR Datasheet HTML 2Page - Interpoint Corporation Company SLH2815S/KR Datasheet HTML 3Page - Interpoint Corporation Company SLH2815S/KR Datasheet HTML 4Page - Interpoint Corporation Company SLH2815S/KR Datasheet HTML 5Page - Interpoint Corporation Company SLH2815S/KR Datasheet HTML 6Page - Interpoint Corporation Company SLH2815S/KR Datasheet HTML 7Page - Interpoint Corporation Company SLH2815S/KR Datasheet HTML 8Page - Interpoint Corporation Company SLH2815S/KR Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
notes:
1. guaranteed by characterization test and/or analysis. not a production test.
2. Specified at 50% load.
3. Although no minimum load is required, at no load the output voltage may exceed
rating by up to 15%.
4. An external 6 µH inductor, added in series to the input, is necessary to maintain
specifications.
5. Load fault is a short circuit into 1 . Recovery is into resistive full load.
6. Recovery is time to settle to within 1% of VOUT final value.
7. Transition time > 10 µs.
8. Measured from release of inhibit until VOUT settles to within 1% of final value at
full load with VIn at 28 V.
tabLe 6: eLectricaL characteriSticS: -55° to +125°c caSe, 28 vDc vin, 100% LoaD, unLeSS otherwiSe SPeciFieD
SIngLE OUTPUT MODELS
SLH2805S
SLH2812S
SLH2815S
UnITS
PARAMETER
COnDITIOnS
MIn
TYP
MAX
MIn
TYP
MAX
MIn
TYP
MAX
OUTPUT VOLTAgE 2
4.80
5.00
5.20
11.52 12.00 12.48 14.40 15.00 15.60
V
OUTPUT CURREnT
VIn = 16 TO 40 V
—
—
300
—
—
125
—
—
100
mA
OUTPUT POWER
VIn = 16 TO 40 V
—
—
1.5
—
—
1.5
—
—
1.5
W
OUTPUT RIPPLE
TC = 25°C
—
65
150
—
35
200
—
60
200
mV p-p
10 kHz - 2 MHz
TC = -55°C TO +125°C
—
—
250
—
—
300
—
—
300
LInE REgULATIOn
VIn = 16 TO 40 V
—
115
300
—
60
400
—
60
650
mV
LOAD REgULATIOn 3
LOAD 10% TO 100%
—
440
700
—
380
700
—
410
700
mV
InPUT VOLTAgE
nO LOAD TO FULL
COnTInUOUS
16
28
40
16
28
40
16
28
40
V
TRAnSIEnT 1 50 ms
—
—
50
—
—
50
—
—
50
V
InPUT CURREnT
nO LOAD
—
2.9
17
—
2.3
17
—
2.4
17
mA
InHIBITED
—
1.3
5
—
1.3
5
—
1.3
5
InPUT RIPPLE CURREnT 4 10 kHz - 10 MHz
—
85
250
—
75
300
—
60
300
mA p-p
EFFICIEnCY
TC = 25°C
72
79
—
80
87
—
80
88
—
%
TC = -55°C TO +125°C
69
—
—
69
—
—
69
—
—
LOAD FAULT 5
SHORT CIRCUIT
POWER DISSIPATIOn
—
0.4
1.5
—
0.3
1.2
—
0.3
1.2
W
RECOVERY 1
—
—
30
—
—
30
—
—
30
ms
STEP LOAD RESPOnSE
TRAnSIEnT 7
—
±250
±400
—
±220
±700
—
±220
±700
mV pk
50% - 100% - 50%
RECOVERY 1, 6
—
—
400
—
—
400
—
—
400
µs
STEP LInE RESPOnSE 1
TRAnSIEnT 7
—
—
±600
—
—
±600
—
—
±600
mV pk
16 - 40 - 16 V
RECOVERY 6
—
—
500
—
—
500
—
—
500
µs
START-UP 8
DELAY
—
1
20
—
1
20
—
1
20
ms
OVERSHOOT 1
—
—
100
—
—
500
—
—
500
mV pk
CAPACITIVE LOAD 1
TC = 25°C, EACH OUTPUT
nO EFFECT On DC
PERFORMAnCE
—
—
100
—
—
100
—
—
100
µF
Crane Aerospace & Electronics Power Solutions
SLH Single and Dual DC-DC Converters
28 VoLt input – 1.5 Watt
Page 5 of 12
www.craneae.com/interpoint
SLH Rev AB - 2015.10.22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com