Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLH2815S/KR Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # SLH2815S/KR
Description  SLH Single and Dual DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SLH2815S/KR Datasheet(HTML) 1 Page - Interpoint Corporation Company

  SLH2815S/KR Datasheet HTML 1Page - Interpoint Corporation Company SLH2815S/KR Datasheet HTML 2Page - Interpoint Corporation Company SLH2815S/KR Datasheet HTML 3Page - Interpoint Corporation Company SLH2815S/KR Datasheet HTML 4Page - Interpoint Corporation Company SLH2815S/KR Datasheet HTML 5Page - Interpoint Corporation Company SLH2815S/KR Datasheet HTML 6Page - Interpoint Corporation Company SLH2815S/KR Datasheet HTML 7Page - Interpoint Corporation Company SLH2815S/KR Datasheet HTML 8Page - Interpoint Corporation Company SLH2815S/KR Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
description
With a miniature footprint of just 0.79 square inches, the
Interpoint® SLH Series™ of 28 volt dc-dc converters delivers 1.5
watts of output power while saving significant board area. The
wide input voltage range of 16 to 40 volts accepts the varying
voltages of space, military, or aerospace bus power and tightly
regulates output voltages to protect downstream components.
Single output models feature outputs of 5, 12, or 15 volts, and
dual output models feature outputs of ±5, ±12 and ±15 volts.
Screening
SLH converters offer screening to Class H or K and radiation
hardness assurance (RHA) levels L - 50 krad(Si) or R - 100
krad(Si). Single event effects (SEE) LET performance to 86 MeV
cm2/mg. See Table 9 on page 12 for more information.
converter DeSign
SLH Series dc-dc converters incorporate a flyback topology with
a variable switching frequency. Feedback provides output voltage
regulation. Output voltage is magnetically fed back to the input
side of the PWM to regulate output voltage.
Up to 80% of the load of the dual output models may be on one
output providing that the other output carries a minimum of 20%
of the total load. The dual models can be used as a single output
voltage by connecting the load between positive and negative
outputs, leaving the common unconnected resulting in double the
output voltage. (for example, SLH2805D can be used as a 10
volt output.)
When used with Interpoint’s STF28-461 filter, the combination will
meet the requirements of MIL-STD-461C, CE03.
inhibit Function
The SLH Series incorporates an inhibit terminal that can be used
to disable internal switching. The converter is inhibited when an
active low (≤ 0.5 V) signal is applied to the inhibit pin (pin 7). In
the inhibit mode the inhibit pin sources up to 2 mA maximum.
The converter resumes normal operation when an open circuit is
applied to the inhibit pin. The open circuit voltage of the inhibit is
7 to 8 volts. Do not apply an external pull-up to the converter.
Protection FeatureS
All models include a soft-start function to prevent large current
draw and minimize overshoot. The converters provide short
circuit protection (by restricting the current) and output overload
protection.
convenient Packaging
The SLH Series converters are packaged in hermetically sealed
metal cases which provide EMI/RFI shielding.
Features
• Radiation tolerant space dc-dc converter
Single event effects (SEE) LET performance to
86 MeV cm2/mg
Total ionizing dose (TID) guaranteed per MIL-STD-883
method 1019, radiation hardness assurance (RHA)
L = 50 krad(Si), R = 100 krad(Si)
• Operating temperature -55°C to +125°C
• Qualified to MIL-PRF-38534 Class H and K
• Input voltage range 16 to 40 V
• Transient protection 50 V for 50 ms
• Fully isolated magnetic feedback
• Fixed high frequency switching
• Inhibit function
• Indefinite short circuit protection
MODELS
OUTPUT VOLTAgE (V)
SIngLES
DUALS
5
±5
12
±12
15
±15
Crane Aerospace & Electronics Power Solutions
SLH Single and Dual DC-DC Converters
Crane Aerospace & Electronics
Power Solutions – Interpoint Products
10301 Willows Rd. NE, Redmond, WA 98052
+1 425-882-3100 • power@crane-eg.com
www.craneae.com/interpoint
Page 1 of 12
28 Volt input – 1.5 Watt
SLH Rev AB - 2015.10.22


Similar Part No. - SLH2815S/KR

ManufacturerPart #DatasheetDescription
logo
Crane Aerospace & Elect...
SLH2815S/KR CRANE-SLH2815S/KR Datasheet
548Kb / 10P
SLH Single and Dual DC/DC Converters
More results

Similar Description - SLH2815S/KR

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
MFLHP2805S CRANE-MFLHP2805S Datasheet
169Kb / 11P
MFLHP Single and Dual DC/DC Converters
SLH2805S CRANE-SLH2805S Datasheet
548Kb / 10P
SLH Single and Dual DC/DC Converters
SMFL283R3S CRANE-SMFL283R3S Datasheet
483Kb / 13P
SMFL Single and Dual DC/DC Converters
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
SMFLHP Single and Dual DC/DC Converters
SMSA283R3SKR CRANE-SMSA283R3SKR Datasheet
646Kb / 14P
SMSA Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MHP270 INTERPOINT-MHP270_11 Datasheet
720Kb / 10P
MHP270 Single and Dual DC/DC Converters
SMFL283R3S INTERPOINT-SMFL283R3S_16 Datasheet
332Kb / 15P
SMFL Single and Dual DC-DC Converters
SMFLHP283R3S INTERPOINT-SMFLHP283R3S_16 Datasheet
313Kb / 15P
SMFLHP Single and Dual DC-DC Converters
SMSA283R3 INTERPOINT-SMSA283R3_16 Datasheet
310Kb / 15P
SMSA Single and Dual DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com