Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMRT283R3S/KR Datasheet(PDF) 38 Page - Interpoint Corporation Company

Part # SMRT283R3S/KR
Description  SMRT Single, Dual and Triple Space DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMRT283R3S/KR Datasheet(HTML) 38 Page - Interpoint Corporation Company

Back Button SMRT283R3S/KR Datasheet HTML 34Page - Interpoint Corporation Company SMRT283R3S/KR Datasheet HTML 35Page - Interpoint Corporation Company SMRT283R3S/KR Datasheet HTML 36Page - Interpoint Corporation Company SMRT283R3S/KR Datasheet HTML 37Page - Interpoint Corporation Company SMRT283R3S/KR Datasheet HTML 38Page - Interpoint Corporation Company SMRT283R3S/KR Datasheet HTML 39Page - Interpoint Corporation Company SMRT283R3S/KR Datasheet HTML 40Page - Interpoint Corporation Company SMRT283R3S/KR Datasheet HTML 41Page - Interpoint Corporation Company SMRT283R3S/KR Datasheet HTML 42Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
50
55
60
65
70
75
5
10
15
20
25
30
Output Power (Watts)
Efficiency
Vin=19
Vin=28
Vin=50
Vin=56
19 V
28 V
50 V
56 V
SMRT283R312TEfficiency
OutputPower(Watts)
SMRT283R312TGainPhase,MainVout
Representativeofall3.3VMainmodels
Representativeofall12V+Auxmodels
Frequency(Hz),28VIN
50.0
-50.0
40.0
30.0
20.0
10.0
0.0
-10.0
-20.0
-30.0
-40.0
225.0
-225.0
180.0
135.0
-45.0
-90.0
-135.0
-180.0
100
1 k
10 k
M1
M2
90.0
45.0
0.0
M1
3.1 kHz
-0.0 dB
74.9 deg
M2
22.7 kHz
-13.7 dB
0.1 deg
GAIN
PHASE
SMRT283R312TGainPhase,+Aux
Frequency(Hz),28VIN
50.0
-50.0
40.0
30.0
20.0
10.0
0.0
-10.0
-20.0
-30.0
-40.0
225.0
-225.0
180.0
135.0
90.0
45.0
0.0
-45.0
-90.0
-135.0
-180.0
100
1 k
10 k
M1
M2
M1
1.0 kHz
0.0 dB
69.5 deg
M2
19.2 kHz
-29.5 dB
0.1 deg
GAIN
PHASE
FIgure 56
FIgure 57
FIgure 58
Crane Aerospace & Electronics Power Solutions
www.craneae.com/interpoint
Page38of44
sMrt single, dual and triple space dc-dc converters
SMRT28RevAJ-2016.05.03
Typical performance ploTs: Vin as specified, 25°c case, 100% load, free run, unless oTherwise specified.
These are examples for reference only and are noT guaranTeed specificaTions.
triple output representatiVe plots



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com