Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMRT283R3S/KR Datasheet(PDF) 10 Page - Interpoint Corporation Company

Part # SMRT283R3S/KR
Description  SMRT Single, Dual and Triple Space DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMRT283R3S/KR Datasheet(HTML) 10 Page - Interpoint Corporation Company

Back Button SMRT283R3S/KR Datasheet HTML 6Page - Interpoint Corporation Company SMRT283R3S/KR Datasheet HTML 7Page - Interpoint Corporation Company SMRT283R3S/KR Datasheet HTML 8Page - Interpoint Corporation Company SMRT283R3S/KR Datasheet HTML 9Page - Interpoint Corporation Company SMRT283R3S/KR Datasheet HTML 10Page - Interpoint Corporation Company SMRT283R3S/KR Datasheet HTML 11Page - Interpoint Corporation Company SMRT283R3S/KR Datasheet HTML 12Page - Interpoint Corporation Company SMRT283R3S/KR Datasheet HTML 13Page - Interpoint Corporation Company SMRT283R3S/KR Datasheet HTML 14Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
ALLMODELS
PARAMETER
CONDITIONS
MIN
TyP
MAx
UNITS
LEADSOLDERINGTEMPERATURE1
10SECONDSMAx.
—
—
300
°C
STORAGETEMPERATURE1
-65
—
+150
°C
CASEOPERATING
FULLPOWER
-55
—
+125
°C
TEMPERATURE
ABSOLUTE1
-55
—
+135
DERATINGOUTPUTPOWER/CURRENT1
LINEARLy
From100%at125°Cto0%at135°C
ESDRATING1
MIL-STD-883METHOD3015
—
—
≥8000
V
MIL-PRF-38534,3.9.5.8.2
CLASS3B
ISOLATION:INPUTTOOUTPUTOR
@500VDC
100
—
—
Megohms
ANyPINTOCASE
UNDERVOLTAGELOCKOUT1
RISINGVIN(TURNON)
13.07
—
16.37
V
FALLINGVIN(TURNOFF)
12.26
—
15.80
CURRENTLIMIT2
%OFFULLLOAD
—
145
—
%
AUDIOREJECTION1
—
50
—
dB
CONVERSIONFREQUENCy
FREERUN
-55°TO+125°C
270
300
330
kHz
SyNCHRONIZATION3
INPUTFREQUENCy
270
—
330
kHz
SyNCISFLOATINGANDISOLATED
DUTyCyCLE1
20
—
80
%
ACTIVELOW
—
—
0.8
V
ACTIVEHIGH1
2.5
—
10
REFERENCEDTO
SyNCRETURN
IFNOTUSED
CONNECTTOSyNCRETURN
INHIBITACTIVELOW(OUTPUTDISABLED) INHIBITPINPULLEDLOW1,4
—
—
0.4
V
DonotapplyavoltagetotheInhibitpin
INHIBITPINSOURCE
CURRENT1
—
—
2
mA
REFERENCEDTO
INPUTCOMMON
INHIBITACTIVEHIGH(OUTPUTENABLED)
DonotapplyavoltagetotheInhibitpin
INHIBITPINCONDITION
OPENCOLLECTOROR
UNCONNECTED
OPENPINVOLTAGE1
5
—
6
V
Notes
1.Guaranteedbycharacterizationtestand/oranalysis.Notaproductiontest.
2.Tripleoutputs:Theover-currentlimitwilltriggerwhenthesumoftheauxiliarycurrentsreaches145%(typicalvalue)ofthemaximumrated“total”
currentoftheauxiliaryoutputs.
3.Ifsyncisusedatlowerendofrange,fullloadoperationisnotguaranteed.
4.TestedwithInhibitpinat0volts.
table 10: OperatIng cOndItIOnS - all MOdelS, 25° caSe, 28 VIn, unleSS OtherwISe SpecIFIed.
For mean time between failures (MTBF) contact Applications Engineering
powerapps@crane-eg.com +1 425-882-3100 option 7
Crane Aerospace & Electronics Power Solutions
www.craneae.com/interpoint
Page10of44
sMrt single, dual and triple space dc-dc converters
19-56 Volt input – 35 Watt – space qualiFied
SMRT28RevAJ-2016.05.03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com