Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMRT283R3S/KR Datasheet(PDF) 16 Page - Interpoint Corporation Company

Part # SMRT283R3S/KR
Description  SMRT Single, Dual and Triple Space DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMRT283R3S/KR Datasheet(HTML) 16 Page - Interpoint Corporation Company

Back Button SMRT283R3S/KR Datasheet HTML 12Page - Interpoint Corporation Company SMRT283R3S/KR Datasheet HTML 13Page - Interpoint Corporation Company SMRT283R3S/KR Datasheet HTML 14Page - Interpoint Corporation Company SMRT283R3S/KR Datasheet HTML 15Page - Interpoint Corporation Company SMRT283R3S/KR Datasheet HTML 16Page - Interpoint Corporation Company SMRT283R3S/KR Datasheet HTML 17Page - Interpoint Corporation Company SMRT283R3S/KR Datasheet HTML 18Page - Interpoint Corporation Company SMRT283R3S/KR Datasheet HTML 19Page - Interpoint Corporation Company SMRT283R3S/KR Datasheet HTML 20Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
NotesSeepage19
TRIPLEOUTPUTMODEL–SMRT28507T
5(MAIN)
±7(AUxILIARIES)
UNITS
PARAMETER
CONDITIONS
MIN
TyP
MAx
MIN
TyP
MAx
OUTPUTVOLTAGE
MAINANDPOS.AUx
4.90
5.00
5.10
6.86
7.00
7.14
V
NEG.AUx.
-6.79
7.00
-7.21
OUTPUTCURRENT2
MAINANDEITHEROUTPUT
—
—
3.0
—
±1.00 1.61
A
MAxTOTALAUx
—
—
—
—
—
2.0
OUTPUTPOWER2
MAINANDEITHEROUTPUT
—
—
15
—
±7.0 11.21
W
MAxTOTALAUx
—
—
—
—
—
14
OUTPUTRIPPLE
TC=25°C
—
—
180
—
—
170
mVp-p
10kHz-20MHz
TC=-55°CTO+125°C
—
—
180
—
—
190
LINEREGULATION3
MAINANDPOS.AUx
—
—
30
—
—
100
mV
VIN=19TO50V
NEG.AUx.
—
—
—
—
—
150
LOADREGULATION
MAINAND+AUx.,NL-FL
—
5
40
—
5
150
BALANCEDAUx.
-AUx.,NL-FL
—
—
—
—
—
350
mV
TOTALREGULATION1
VOUT
ALLCONDITIONSOFLINE,
LOAD,AGING,TEMPAND
RADIATION
4.7
—
5.3
±6.53
—
±7.47
V
CROSSREGULATION1,4,5
TC=25°C
EFFECTON
NEGATIVEAUxILIARy
—
—
—
—
—
2.5
%
INPUTVOLTAGE
CONTINUOUS
19
28
56
—
—
—
V
TRANSIENT120ms1
—
—
80
—
—
—
V
INPUTCURRENT
NOLOAD
—
—
110
—
—
—
mA
INHIBITED
—
—
50
—
—
—
INPUTRIPPLECURRENT6
10kHz-20MHz
—
10
50
—
—
—
mAp-p
EFFICIENCy7
TC=25°C
70
71
—
—
—
—
%
TC=-55°CTO+125°C
69
—
—
—
—
—
LOADFAULT8
POWERDISSIPATION
—
—
28
—
—
—
W
RECOVERy1
—
—
25
—
—
25
ms
STEPLOADRESPONSE9,10,11,12 TRANSIENT
—
—
±300
—
—
±400
mVpk
50%-100%-50%
RECOVERy
—
—
3
—
—
3
ms
STEPLINERESPONSE1,9,10
19-50-19VINTRANSIENT
—
—
±500
—
—
±750
mVpk
RECOVERy
—
—
3
—
—
3
ms
START-UP13
DELAy
—
—
25
—
—
25
ms
OVERSHOOT
—
0
50
—
0
70
mVpk
CAPACITIVELOAD1,14
TC=25°C
UNCONDITIONALLySTABLE,
START-UPDELAyINCREASED
—
—
5000
—
—
1000
µF
table 16: electrIcal characterIStIcS: -55°c tO +125°c caSe, 28 VIn, 100% lOad, Free run, unleSS OtherwISe SpecIFIed.
Crane Aerospace & Electronics Power Solutions
www.craneae.com/interpoint
Page16of44
sMrt single, dual and triple space dc-dc converters
19-56 Volt input – 35 Watt – space qualiFied
SMRT28RevAJ-2016.05.03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com