Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMSA283R3/KR Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # SMSA283R3/KR
Description  SMSA Single and Dual DC-DC Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMSA283R3/KR Datasheet(HTML) 3 Page - Interpoint Corporation Company

  SMSA283R3/KR Datasheet HTML 1Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 2Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 3Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 4Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 5Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 6Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 7Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 8Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
+
C2
T1
C1
Case
C3
Input
Common
Positive
Input
Positive
Output
Output Common
To Load
Positive
Input
Input
Common
Positive
Output
Output
Common
From input
power source
EMI Filter
Case
T1
Figure 3: loW noiSe output Filter For SmSa Single output moDel
C2
T2
C1
T2
C4
C3
C5
To Loads
Case
Input
Common
Positive
Input
Positive
Output
Output Common
Positive
Input
Input
Common
Positive
Output
Output
Common
From input
power source
EMI Filter
Case
Negative
Output
+
+
Figure 4: loW noiSe output Filter For SmSa Dual output moDel
The filter suggestions in Figure 3 and Figure 4 will further reduce the output ripple for systems requiring very low output noise.
C1 = 0.27 µF ceramic capacitor, 500 V
C2 = C4 = 6.8 µF tantalum capacitor
C3 = C5 = 0.27 µF ceramic capacitor
Single output: T1 = 15T #28 AWg winding on toroid, µi = 5000
Dual output: T2 = 10T #28 AWg winding on toroid, µi = 5000
For best results, make interconnections as short as possible.
Crane Aerospace & Electronics Power Solutions
SMSA Single and Dual DC-DC Converters
Page 3 of 15
28 Volt input – 5 Watt
www.craneae.com/interpoint
SMSA Rev AE - 2016.02.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com