Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMSA283R3/KR Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # SMSA283R3/KR
Description  SMSA Single and Dual DC-DC Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMSA283R3/KR Datasheet(HTML) 1 Page - Interpoint Corporation Company

  SMSA283R3/KR Datasheet HTML 1Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 2Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 3Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 4Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 5Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 6Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 7Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 8Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
description
The Interpoint® SMSA Series™ of high frequency, space
qualified, dc-dc converters provide up to 5 watts output power
over the full military temperature range of -55°C to +125°C
with up to 74% efficiency. Thick-film hybrid techniques provide
military/aerospace reliability levels and optimum miniaturization.
The hermetically sealed case is 1.075 by 1.075 inches with
a height of 0.270 inches. Power density for the SMSA Series
converters is 16 watts per cubic inch. The SMSA Series’ small
size, light weight and hermetically sealed metal packages make
them ideal for use in space, military, aerospace and other high
reliability applications.
Screening
SMSA converters offer screening to space prototype (O), Class H
or K, radiation hardness assurance (RHA) levels P - 30 krad(Si),
L - 50 krad(Si) or R - 100 krad(Si). Single event effects (SEE)
LET performance to 86 MeV cm2/mg. See Table 10 on page
15 for more information.
converter DeSign
The SMSA converters are switching regulators that use a flyback
converter design with a constant switching frequency of 500 kHz.
They are regulated, isolated units using a pulse width modulated
topology. Isolation between input and output circuits is provided
with a transformer in the forward power loop and an optical link in
the feedback control loop. Excellent input line transient response
and audio rejection is achieved by an advanced feed-forward
compensation technique.
On dual output models negative output regulation is maintained
by tightly coupled magnetics.
Predictable current limit is accomplished by direct monitoring
of the output load current, which results in a constant current
output above the overload point. Internal input and output filters
eliminate the need for external capacitors.
WiDe voltage range
The SMSA converters are designed to provide full power
operation over the full 16 to 40 volt range. An undervoltage
lockout feature keeps the converter shutdown below
approximately 13 volts to ensure smooth initialization.
Dynamic reSponSe
The SMSA feed-forward compensation system provides excellent
dynamic response and noise rejection. Audio rejection is typically
50 dB (Figure 15 on page 11).
inhibit Function
SMSA converters provide an inhibit feature that can be used to
disable internal switching and inhibit the unit’s output. Inhibiting in
this manner results in low standby current, and no generation of
switching noise.
The converter is inhibited when an active low (≤0.8 V) is applied
to the inhibit pin. The unit is enabled when the pin, which is
internally connected to a pull-up resistor, is left unconnected or
is connected to an open collector gate. The open circuit output
voltage associated with the inhibit pin is 9 to 11 volts. In the
inhibit mode, a maximum of 4 mA must be sunk from the inhibit
pin at 28 volt input.
Features
• Radiation tolerant space dc-dc converter
- Single event effects (SEE) LET performance to
86 MeV cm2/mg
- Total ionizing dose (TID) guaranteed per MIL-STD-883
method 1019, radiation hardness assurance (RHA)
P = 30 krad(Si), L = 50 krad(Si), R = 100 krad(Si)
- 50 - 300 rad(Si)/sec dose rate (Condition A)
- 10 mrad(Si)/sec dose rate (Condition D)
• Operating temperature -55°C to +125°C
• Qualified to MIL-PRF-38534 Class H and K
• Input voltage range 16 to 40 volts
• Transient protection 50 volts for 50 ms
• Fully isolated
• Fixed high frequency switching
• Inhibit function
• Indefinite short circuit protection
• High power density, up to 74% typical efficiency
MODELS
output voltage (v)
SIngLE
DuAL
3.3
±5
5
±12
5.2
±15
12
15
Crane Aerospace & Electronics Power Solutions
SMSA Single and Dual DC-DC Converters
Crane Aerospace & Electronics
Power Solutions – Interpoint Products
10301 Willows Rd. NE, Redmond, WA 98052
+1 425-882-3100 • power@crane-eg.com
www.craneae.com/interpoint
Page 1 of 15
28 Volt input – 5 Watt
SMSA Rev AE - 2016.02.01


Similar Part No. - SMSA283R3/KR

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMSA283R3S/KR INTERPOINT-SMSA283R3S/KR Datasheet
271Kb / 12P
DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
SMSA283R3SKR CRANE-SMSA283R3SKR Datasheet
646Kb / 14P
SMSA Single and Dual DC/DC Converters
More results

Similar Description - SMSA283R3/KR

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
MFLHP2805S CRANE-MFLHP2805S Datasheet
169Kb / 11P
MFLHP Single and Dual DC/DC Converters
SLH2805S CRANE-SLH2805S Datasheet
548Kb / 10P
SLH Single and Dual DC/DC Converters
SMFL283R3S CRANE-SMFL283R3S Datasheet
483Kb / 13P
SMFL Single and Dual DC/DC Converters
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
SMFLHP Single and Dual DC/DC Converters
SMSA283R3SKR CRANE-SMSA283R3SKR Datasheet
646Kb / 14P
SMSA Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MHP270 INTERPOINT-MHP270_11 Datasheet
720Kb / 10P
MHP270 Single and Dual DC/DC Converters
SLH28 INTERPOINT-SLH28 Datasheet
418Kb / 12P
SLH Single and Dual DC-DC Converters
SMFL283R3S INTERPOINT-SMFL283R3S_16 Datasheet
332Kb / 15P
SMFL Single and Dual DC-DC Converters
SMFLHP283R3S INTERPOINT-SMFLHP283R3S_16 Datasheet
313Kb / 15P
SMFLHP Single and Dual DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com