Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMSA283R3/KR Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # SMSA283R3/KR
Description  SMSA Single and Dual DC-DC Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMSA283R3/KR Datasheet(HTML) 5 Page - Interpoint Corporation Company

  SMSA283R3/KR Datasheet HTML 1Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 2Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 3Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 4Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 5Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 6Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 7Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 8Page - Interpoint Corporation Company SMSA283R3/KR Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
model numbering key
SMSA 28 05 S / K R
Base Model
Radiation Hardness
Assurance (RHA)
Voltage In (28V)
Output Voltage
Environmental Screening
Number of Outputs
(S = single, D = dual)
smd numbers
Standard Microcircuit drawing
(SMd)
SMSa SiMilar Part
5962R0621001KXC
SMSA283R3/KR
5962R9309202KXC
SMSA2805S/KR
5962R1421601KXC
SMSA285R2S/KR
5962R9309302KXC
SMSA2812S/KR
5962R9309402KXC
SMSA2815S/KR
5962R0052202KXC
SMSA2805D/KR
5962R9308902KXC
SMSA2812D/KR
5962R9309002KXC
SMSA2815D/KR
The SMD number shown is for Class K screening and
radiation hardness assurance (RHA) level R. See the SMD
for the numbers for other screening and radiation levels. For
exact specifications for an SMD product, refer to the SMD
drawing. SMDs can be downloaded from:
http://www.landandmaritime.dla.mil/programs/smcr
Figure 6: moDel numbering key
model number options
on the lineS below, enter one Selection froM each category to deterMine the Model nuMber.
category
base model and
input Voltage
output Voltage 1
number of
outputs 2
screening 3
rHa 4
options
SMSA28
3R3, 05, 5R2, 12, 15
S
O
O
05, 12, 15
D
H
P
K
L
R
Fill in For model #
SMSA28
_____
__________
/
_______
notes
1. An R indicates a decimal point. 3R3 is 3.3 volts out. The values of 3.3 and 5.2 are only available in single output models.
2. number of Outputs: S is a single output and D is a dual output.
3. Screening: A screening level of O is a space prototype and is only used with RHA O. See Table 9 on page 14 and Table 10 on page 15 for more information.
4. RHA: Interpoint model numbers use an “O” in the RHA designator position to indicate the “-” (dash) radiation hardness assurance level of MIL-PRF-38534, which is
defined as “no RHA.” RHA O is only available with screening level O. See Table 10 on page 15 for more information.
table 3: SmD number croSS reFerence
table 4: moDel number optionS
Crane Aerospace & Electronics Power Solutions
SMSA Single and Dual DC-DC Converters
Page 5 of 15
28 Volt input – 5 Watt
www.craneae.com/interpoint
SMSA Rev AE - 2016.02.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com