Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMSA2812S/KR Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # SMSA2812S/KR
Description  SMSA Single and Dual DC-DC Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMSA2812S/KR Datasheet(HTML) 2 Page - Interpoint Corporation Company

  SMSA2812S/KR Datasheet HTML 1Page - Interpoint Corporation Company SMSA2812S/KR Datasheet HTML 2Page - Interpoint Corporation Company SMSA2812S/KR Datasheet HTML 3Page - Interpoint Corporation Company SMSA2812S/KR Datasheet HTML 4Page - Interpoint Corporation Company SMSA2812S/KR Datasheet HTML 5Page - Interpoint Corporation Company SMSA2812S/KR Datasheet HTML 6Page - Interpoint Corporation Company SMSA2812S/KR Datasheet HTML 7Page - Interpoint Corporation Company SMSA2812S/KR Datasheet HTML 8Page - Interpoint Corporation Company SMSA2812S/KR Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Positive
Input
Inhibit
PWM
Control
Negative
Output
Output
Common
Positive
Output
Input
Common
Case
Ground
6
5
7
8
1
2
3
Feedback
Output Filter
Input Filter
Output Filter
Error
Amp
SMSA SINGLE AND DUAL
= DUAL OUTPUT
VRef
Figure 1: SmSa block Diagram
6
5
7
200 pF
3.9 K
10 K
Inhibit
SMSA
Input
Common
Positive
Input
10 K
Vcc
Typically 1.5 V
when inhibited
12 K
5 K
400 Ω
50 K
2N3904
Figure 2: inhibit interFace
Crane Aerospace & Electronics Power Solutions
SMSA Single and Dual DC-DC Converters
Page 2 of 15
28 Volt input – 5 Watt
www.craneae.com/interpoint
SMSA Rev AE - 2016.02.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com