Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMSA2812S/KR Datasheet(PDF) 10 Page - Interpoint Corporation Company

Part # SMSA2812S/KR
Description  SMSA Single and Dual DC-DC Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMSA2812S/KR Datasheet(HTML) 10 Page - Interpoint Corporation Company

Back Button SMSA2812S/KR Datasheet HTML 6Page - Interpoint Corporation Company SMSA2812S/KR Datasheet HTML 7Page - Interpoint Corporation Company SMSA2812S/KR Datasheet HTML 8Page - Interpoint Corporation Company SMSA2812S/KR Datasheet HTML 9Page - Interpoint Corporation Company SMSA2812S/KR Datasheet HTML 10Page - Interpoint Corporation Company SMSA2812S/KR Datasheet HTML 11Page - Interpoint Corporation Company SMSA2812S/KR Datasheet HTML 12Page - Interpoint Corporation Company SMSA2812S/KR Datasheet HTML 13Page - Interpoint Corporation Company SMSA2812S/KR Datasheet HTML 14Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Typical performance ploTs: 28 Vin, 25°c Tc, 100% load, free run, unless oTherwise specified.
These are examples for reference only and are not guaranteed specifications.
Figure 7
Figure 8
100 µs/div
16V TO 40V
SMSA2805S STEP LINE RESPONSE
VIN
VOUT
OUTPUT POWER (Watts)
SMSA2805S EFFICIENCY
30
80
40V
70
60
50
40
1
2
3
4
5
6
16V
28V
Figure 9
30
80
40V
70
60
50
40
1
2
3
4
5
6
16V
28 V
OUTPUT POWER (Watts)
SMSA2812S EFFICIENCY
Figure 10
Figure 11
Figure 12
OUTPUT POWER (Watts)
SMSA2815S EFFICIENCY
30
80
40V
70
60
50
40
1
2
3
4
5
6
16V
28V
100 µs/div
50% 100%
SMSA2805S STEP LOAD RESPONSE
50% to 100%
100% to 50%
Figure 13
100 µs/div
10% 100%
SMSA2805S STEP LOAD RESPONSE
10% to 100%
100% to 10%
Figure 14
1 ms / div
SMSA2805S TURN-ON INTO NO LOAD
VIN
VOUT
OUTPUT POWER (Watts)
50 mV DROP
SMSA LOW LINE DROPOUT VS. LOAD
12
17
16
15
14
13
1
2
3
4
5
6
2805S
2815S
2812S
Crane Aerospace & Electronics Power Solutions
SMSA Single and Dual DC-DC Converters
Page 10 of 15
28 Volt input – 5 Watt
www.craneae.com/interpoint
SMSA Rev AE - 2016.02.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com