Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMSA2812S/KR Datasheet(PDF) 6 Page - Interpoint Corporation Company

Part # SMSA2812S/KR
Description  SMSA Single and Dual DC-DC Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMSA2812S/KR Datasheet(HTML) 6 Page - Interpoint Corporation Company

Back Button SMSA2812S/KR Datasheet HTML 2Page - Interpoint Corporation Company SMSA2812S/KR Datasheet HTML 3Page - Interpoint Corporation Company SMSA2812S/KR Datasheet HTML 4Page - Interpoint Corporation Company SMSA2812S/KR Datasheet HTML 5Page - Interpoint Corporation Company SMSA2812S/KR Datasheet HTML 6Page - Interpoint Corporation Company SMSA2812S/KR Datasheet HTML 7Page - Interpoint Corporation Company SMSA2812S/KR Datasheet HTML 8Page - Interpoint Corporation Company SMSA2812S/KR Datasheet HTML 9Page - Interpoint Corporation Company SMSA2812S/KR Datasheet HTML 10Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SMSA SERIES
ALL MODELS
PARAMETER
COnDITIOnS
MIn
TYP
MAX
unITS
LEAD SOLDERIng TEMPERATuRE 1
10 SECOnDS MAX.
—
—
300
°C
STORAgE TEMPERATuRE
-65
—
+150
°C
CASE OPERATIng
FuLL POWER
-55
—
+125
°C
TEMPERATuRE
ABSOLuTE 1
-55
—
+135
DERATIng OuTPuT POWER/CuRREnT 1
LInEARLY
From 100% at 125°C to 0% at 135°C
ESD RATIng 1
MIL-STD-883 METHOD 3015
2000 - 3999
V
MIL-PRF-38534, 3.9.5.8.2
CLASS 2
ISOLATIOn: InPuT TO OuTPuT OR AnY
@ 500 VDC AT 25°C
100
—
—
Megohms
PIn TO CASE EXCEPT CASE PIn
InPuT TO OuTPuT CAPACITAnCE 1
—
50
—
pF
unDER VOLTAgE LOCKOuT 1
VIn
—
13
—
V
CuRREnT LIMIT
% OF FuLL LOAD
—
166
—
%
AuDIO REJECTIOn 1
—
50
—
dB
COnVERSIOn FREQuEnCY
-55°C TO +125°C
400
500
600
kHz
InHIBIT ACTIVE LOW (OuTPuT DISABLED) InHIBIT PIn PuLLED LOW 1
—
—
0.8
V
Do not apply a voltage to the inhibit pin
InHIBIT PIn SOuRCE
CuRREnT 1
—
—
4
mA
REFEREnCED TO
InPuT COMMOn
InHIBIT ACTIVE HIgH (OuTPuT EnABLED)
Do not apply a voltage to the inhibit pin
InHIBIT PIn COnDITIOn
OPEn COLLECTOR OR
unCOnnECTED
OPEn InHIBIT PIn VOLTAgE 1
9
—
11
V
notes
1. guaranteed by characterization test and/or analysis. not a production test.
table 5: operating conDitionS - all moDelS, 25°c caSe, 28 vin, unleSS otherWiSe SpeciFieD
For mean time between failures (MTBF) contact Applications Engineering
powerapps@crane-eg.com +1 425-882-3100 option 7
Crane Aerospace & Electronics Power Solutions
SMSA Single and Dual DC-DC Converters
Page 6 of 15
28 Volt input – 5 Watt
www.craneae.com/interpoint
SMSA Rev AE - 2016.02.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com