Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF28-461/KH Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # STF28-461/KH
Description  STF28-461 EMI Input Filters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

STF28-461/KH Datasheet(HTML) 2 Page - Interpoint Corporation Company

  STF28-461/KH Datasheet HTML 1Page - Interpoint Corporation Company STF28-461/KH Datasheet HTML 2Page - Interpoint Corporation Company STF28-461/KH Datasheet HTML 3Page - Interpoint Corporation Company STF28-461/KH Datasheet HTML 4Page - Interpoint Corporation Company STF28-461/KH Datasheet HTML 5Page - Interpoint Corporation Company STF28-461/KH Datasheet HTML 6Page - Interpoint Corporation Company STF28-461/KH Datasheet HTML 7Page - Interpoint Corporation Company STF28-461/KH Datasheet HTML 8Page - Interpoint Corporation Company STF28-461/KH Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Operating COnditiOns and CharaCteristiCs
Input Voltage Range
•0to50VDCcontinuous
lead Soldering Temperature (10 sec per lead)
•300°C
Storage Temperature Range (Case)
•-65°Cto+150°C
Case Operating Temperature (Tc)
•-55°Cto+125°Cfullpower
Derating Input/Output Current
•Deratelinearlyfrom100%at125°Cto0%at135°C
case.
Capacitance
•0.045µFmax,anypintocase
Isolation
•100megohmminimumat500VDC
•Anypintocase,exceptcasepin
meChaniCal and envirOnmental
Size (maximum)
0.980x0.805x0.270(24.89x20.45x6.86mm)
See case A1 for dimensions.
Weight (maximum)
10.3 grams typical, 11.5 grams maximum
Screening
Space Prototype (O), Class H, or Class K
Radiation tolerant to Radiation Hardness Assurance (RHA)
levels of “-” (O) or “H”, per MIL-STD-38534. Interpoint model
numbers use an “O” in the RHA designator position to indicate
the “-” (dash) Radiation Hardness Assurance level of MIL-PRF-
38534, which is defined as “no RHA”.
See “Class H and K, MIL-PRF-38534 Screening” tables for more
information. Available configurations: OO, HH, KH
2 �F
6800 pF
500 V
6800 pF
500 V
Positive
Input
Input
Common
Positive
Output
Output
Common
STF28-461
>285 �H
6 �H
2 �F
20 �
20 �
0.65 �
6 �H
6800 pF / 500 V
6800 pF / 500 V
x 2
x 2
The case ground connection between the filter and the converter should be as low an impe
anceaspossibletominimizeEMI.Directcontactofbaseplatetochassisgroundprovidesthe
lowest impedance.
Figure 1: SChematiC – typiCal ValueS
RL
Positive
Output
STF28-461
Positive
Input
Input
Common
Case
Ground
Output
Common
C
R
DC/DC Converter
Input
Common
Case
Ground
Output
Common
RL
Multiple units
allowed up to
rated output current.
Positive
Input
Positive
Output
The RC output is an optional
damping circuit. It is recommended in
applications where 80 volt line
transients may occur with rise times
<50 �S.
C = 6 �F Ceramic
R = 2.2 , 5%, 1/4 W, Carbon comp.
Figure 2: Damping CirCuit
Crane Aerospace & Electronics Power Solutions
STF28-461 EMI Input Filters
Page 2 of 10
RevA-20070509
28 VOlT INPuT – 0.8 aMP
www.craneae.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com