Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF28-461/KH Datasheet(PDF) 7 Page - Interpoint Corporation Company

Part # STF28-461/KH
Description  STF28-461 EMI Input Filters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

STF28-461/KH Datasheet(HTML) 7 Page - Interpoint Corporation Company

Back Button STF28-461/KH Datasheet HTML 2Page - Interpoint Corporation Company STF28-461/KH Datasheet HTML 3Page - Interpoint Corporation Company STF28-461/KH Datasheet HTML 4Page - Interpoint Corporation Company STF28-461/KH Datasheet HTML 5Page - Interpoint Corporation Company STF28-461/KH Datasheet HTML 6Page - Interpoint Corporation Company STF28-461/KH Datasheet HTML 7Page - Interpoint Corporation Company STF28-461/KH Datasheet HTML 8Page - Interpoint Corporation Company STF28-461/KH Datasheet HTML 9Page - Interpoint Corporation Company STF28-461/KH Datasheet HTML 10Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
0.000
0.097 (2.46)
0.697 (17.70)
Squared corner and dot on
top of case indicate pin one.
0.397 (10.08)
Projection Weld
Seam Seal
1
3
8
4
7
2
6 5
BOTTOM VIEW CASE A1
0.018 ± 0.002 dia.
(0.46 ± 0.05)
Seal hole: 0.056 ±0.002 (1.42 ±0.05)
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage the device.
Solder pins individually with heat application not exceeding 300°C for 10 seconds per pin
Materials
Header
Kovar/Nickel/Gold
Cover
Kovar/Nickel
Pins
Kovar/Nickel/Gold matched glass seal
Case A1, Rev C, 20060110
Please refer to the numerical dimensions for accuracy. All information is believed to be accurate,
but no responsibility is assumed for errors or omissions. Interpoint reserves the right to make
changes in products or specifications without notice.
Copyright © 1999-2006 Interpoint Corp. All rights reserved.
0.805 max. (20.45)
Figure 4: CaSe a1
Crane Aerospace & Electronics Power Solutions
Page 7 of 10
RevA-20070509
STF28-461 EMI Input Filter Cases
28 VOlT INPuT – 0.8 aMP
www.craneae.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com