Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF28-461/KH Datasheet(PDF) 6 Page - Interpoint Corporation Company

Part # STF28-461/KH
Description  STF28-461 EMI Input Filters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

STF28-461/KH Datasheet(HTML) 6 Page - Interpoint Corporation Company

Back Button STF28-461/KH Datasheet HTML 2Page - Interpoint Corporation Company STF28-461/KH Datasheet HTML 3Page - Interpoint Corporation Company STF28-461/KH Datasheet HTML 4Page - Interpoint Corporation Company STF28-461/KH Datasheet HTML 5Page - Interpoint Corporation Company STF28-461/KH Datasheet HTML 6Page - Interpoint Corporation Company STF28-461/KH Datasheet HTML 7Page - Interpoint Corporation Company STF28-461/KH Datasheet HTML 8Page - Interpoint Corporation Company STF28-461/KH Datasheet HTML 9Page - Interpoint Corporation Company STF28-461/KH Datasheet HTML 10Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CE03
LIMIT
NARROWBAND
FREQUENCY (MHz)
0.1
1
10
50
90
80
70
60
50
40
30
20
10
0
.015
Figure 4
MSA2805S converter without a filter.
FREQUENCY (MHz)
0.1
1
10
50
90
80
70
60
50
40
30
20
10
0
.015
NARROWBAND
CE03
LIMIT
Figure 5
MSA2805S converter at full load with an
STF28-461 EMI filter.
TypicalPerformanceCurves:25°CTc,nominalVin,unlessotherwisespecified.
Figure 6
FREQUENCY (Hz)
10K
100K
1M
10.0
3.2
1.0
0.32
0.10
1K
2 µF external capacitor on filter output
Typical output impedance (Z) with input
shorted. STF28-461 EMI filter.
Crane Aerospace & Electronics Power Solutions
STF28-461 EMI Input Filters
Page 6 of 10
RevA-20070509
28 VOlT INPuT – 0.8 aMP
www.craneae.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com