Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC3708 Datasheet(PDF) 2 Page - IXYS Corporation

Part # CPC3708
Description  Depletion Mode FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC3708 Datasheet(HTML) 2 Page - IXYS Corporation

  CPC3708 Datasheet HTML 1Page - IXYS Corporation CPC3708 Datasheet HTML 2Page - IXYS Corporation CPC3708 Datasheet HTML 3Page - IXYS Corporation CPC3708 Datasheet HTML 4Page - IXYS Corporation CPC3708 Datasheet HTML 5Page - IXYS Corporation CPC3708 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R03
CPC3708
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Gate-to-Source Voltage
V
GS
I
D=60mA, VDS=5V
-1.005
-
-1.735
V
Gate-to-Source Off Voltage
V
GS(off)
I
D=2A, VDS=10V, VDS=100V
-2
-
-3.6
V
Drain-to-Source Leakage Current
I
DS(off)
V
GS= -5V, VDS=190V
-
-
20
nA
V
GS= -5V, VDS=350V
-
-
1
A
Drain Current
I
D
V
GS= -2.7V, VDS=5V, VDS=50V
-
-
5
mA
V
GS= -0.57V, VDS=5V
130
-
-
mA
On-Resistance
R
DS(on)
V
GS= -0.35V, IDS=50mA
-
8
14
Gate Leakage Current
I
GSS
V
GS=±20V
-
-
100
nA
Gate Capacitance
C
ISS
V
DS= VGS=0V
-
-
300
pF
Electrical Characteristics @25oC (Unless Otherwise Specified)
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to the
device. Functional operation of the device at conditions beyond
those indicated in the operational sections of this data sheet is
not implied.
Absolute Maximum Ratings @ 25ºC
Thermal Resistance
Package
Parameter
Symbol
Conditions
Min
Typ
Max
Units
SOT-89
Junction to Case
RJC
--
-
50
ºC/W
Junction to Ambient
RJA
90
SOT-223
Junction to Case
RJC
--
-
14
Junction to Ambient
RJA
55
Parameter
Ratings
Units
Drain-to-Source Voltage (V
(BR)DSX)
350
V
Gate-to-Source Voltage (V
GS)
±20
V
Total Package Dissipation 1
SOT-89
1.1
W
SOT-223
2.5
Operational Temperature
-40 to +110
oC
Storage Temperature
-40 to +125
oC
1 Mounted on 1"x1" FR4 board.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com