Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC3708 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC3708
Description  Depletion Mode FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC3708 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC3708 Datasheet HTML 1Page - IXYS Corporation CPC3708 Datasheet HTML 2Page - IXYS Corporation CPC3708 Datasheet HTML 3Page - IXYS Corporation CPC3708 Datasheet HTML 4Page - IXYS Corporation CPC3708 Datasheet HTML 5Page - IXYS Corporation CPC3708 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC3708-R03
1
CPC3708
350V N-Channel
Depletion Mode FET
Part Number
Description
CPC3708CTR
SOT-89: Tape and Reel (1000/Reel)
CPC3708ZTR
SOT-223: Tape and Reel (1000/Reel)
Applications
Features
Description
Ordering Information
Package Pinout:
• LED Drive Circuits
• Telecommunications
• Normally On Switches
• Ignition Modules
• Converters
• Security
• Power Supplies
• Regulators
• 350V Drain-to-Source Voltage
• Depletion Mode Device Offers Low R
DS(on)
at Cold Temperatures
• Low On-Resistance: 8
 (Typical) @ 25°C
• Low V
GS(off) Voltage
• High Input Impedance
• Low Input and Output Leakage
• Small Package Size SOT-89 and SOT-223
• PC Card (PCMCIA) Compatible
• PCB Space and Cost Savings
The CPC3708 is a N-channel, depletion mode Field
Effect Transistor (FET) that is available in an
SOT-223 package (CPC3708Z) and an SOT-89
package (CPC3708C). Both utilize IXYS Integrated
Circuits Division’s proprietary third-generation
vertical DMOS process that realizes world class,
high voltage MOSFET performance in an economical
silicon gate process. The vertical DMOS process
yields a highly reliable device, particularly for
use in difficult application environments such as
telecommunications, security, and power supplies.
CPC3708Z and the CPC3708C have a typical
on-resistance of 8
 and a drain-to-source voltage
of 350V. As with all MOS devices, the FET structure
prevents thermal runaway and thermally induced
secondary breakdown.
Pin Number
Name
1GATE
2
DRAIN
3
SOURCE
4
DRAIN
Parameter
Rating
Units
Drain-to-Source Voltage - V
(BR)DSX
350
V
Max On-Resistance - R
DS(on)
14
Max Power
SOT-89 Package
1.1
W
SOT-223 Package
2.5
Circuit Symbol
D
G
D
S
4
123
D
S
G


Similar Part No. - CPC3708

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC3701 CLARE-CPC3701 Datasheet
99Kb / 4P
Vertical DMOS FET
logo
IXYS Corporation
CPC3701 IXYS-CPC3701 Datasheet
145Kb / 5P
60V, Depletion-Mode, N-Channel
logo
Clare, Inc.
CPC3701C CLARE-CPC3701C Datasheet
99Kb / 4P
Vertical DMOS FET
logo
IXYS Corporation
CPC3701C IXYS-CPC3701C Datasheet
98Kb / 4P
60V, Depletion-Mode, N-Channel Vertical DMOS FET
CPC3701C IXYS-CPC3701C Datasheet
145Kb / 5P
60V, Depletion-Mode, N-Channel
More results

Similar Description - CPC3708

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5602C CLARE-CPC5602C Datasheet
76Kb / 4P
N Channel Depletion Mode FET
CPC5603 CLARE-CPC5603 Datasheet
85Kb / 3P
N Channel Depletion Mode FET
logo
IXYS Corporation
CPC3703 IXYS-CPC3703 Datasheet
118Kb / 5P
Depletion-Mode FET
CPC3710 IXYS-CPC3710 Datasheet
119Kb / 5P
Depletion-Mode FET
CPC3714 IXYS-CPC3714 Datasheet
119Kb / 5P
Depletion-Mode FET
CPC3720 IXYS-CPC3720 Datasheet
125Kb / 5P
Depletion-Mode FET
CPC3730 IXYS-CPC3730 Datasheet
124Kb / 5P
Depletion-Mode FET
CPC3902 IXYS-CPC3902 Datasheet
137Kb / 6P
Depletion-Mode FET
CPC3909 IXYS-CPC3909 Datasheet
146Kb / 7P
Depletion-Mode FET
CPC3960 IXYS-CPC3960 Datasheet
121Kb / 5P
Depletion-Mode FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com