Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC3708 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC3708
Description  Depletion Mode FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC3708 Datasheet(HTML) 3 Page - IXYS Corporation

  CPC3708 Datasheet HTML 1Page - IXYS Corporation CPC3708 Datasheet HTML 2Page - IXYS Corporation CPC3708 Datasheet HTML 3Page - IXYS Corporation CPC3708 Datasheet HTML 4Page - IXYS Corporation CPC3708 Datasheet HTML 5Page - IXYS Corporation CPC3708 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
CPC3708
www.ixysic.com
3
R03
CPC3708Z (SOT-223) PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance in SOT-223 Package. For guaranteed parameters not indicated in the written
specifications, please contact our application department.
V
DS (V)
012
3
45
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
Output Characteristics
(T
A=25ºC)
V
GS=-0.5
V
GS=-1
V
GS=-1.5
V
GS=-2
I
D (A)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
5
10
15
20
On-Resistance vs. Drain Current
(V
GS=0V)
I
D (mA)
0
50
100
150
0
50
100
150
200
250
300
Transconductance vs Drain Current
(V
DS=10V)
T
A=-40ºC
T
A=25ºC
T
A=125ºC
V
GS (V)
-3.0
-2.5
-2.0
-1.5
-1.0
0
50
100
150
200
250
Transfer Characteristics
(V
DS=10V)
T
A=125ºC
T
A=25ºC
T
A=-40ºC
Temperature (ºC)
-40
-20
0
20
40
60
80
100
-3.0
-2.9
-2.8
-2.7
-2.6
-2.5
-2.4
-2.3
V
GS(off) vs. Temperature
(V
DS=10V, ID=2
A)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
4
5
6
7
8
9
10
11
12
On-Resistance vs. Temperature
(V
GS=0V, ID=100mA)
V
DS (V)
0
5
10
15
20
25
30
0
50
100
150
200
250
300
Capacitance vs. Drain-Source Voltage
(V
GS=-5V)
C
ISS
C
OSS
C
RSS
V
DS (V)
1
10
100
1000
0.001
0.01
0.1
1
Forward Safe Operating Bias
(V
GS=0V, DC Load, TC=25ºC)
Limited by
Device Channel
Saturation
Limited by
Device R
DS(on)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com