Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC3909Z Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC3909Z
Description  Depletion-Mode FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC3909Z Datasheet(HTML) 3 Page - IXYS Corporation

  CPC3909Z Datasheet HTML 1Page - IXYS Corporation CPC3909Z Datasheet HTML 2Page - IXYS Corporation CPC3909Z Datasheet HTML 3Page - IXYS Corporation CPC3909Z Datasheet HTML 4Page - IXYS Corporation CPC3909Z Datasheet HTML 5Page - IXYS Corporation CPC3909Z Datasheet HTML 6Page - IXYS Corporation CPC3909Z Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
CPC3909
PRELIMINARY
3
R00D
PERFORMANCE DATA @ 25ºC (Unless Otherwise Noted)*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
V
GS (V)
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.0
0.2
0.4
0.6
0.8
1.0
Instantaneous Transfer Characteristics
(V
DS=10V)
-40ºC
25ºC
125ºC
Temperature (ºC)
-50
-25
0
25
50
75
100
125
150
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
Threshold Voltage
(I
DS=2 A)
I
D (mA)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.00
0.25
0.50
0.75
1.00
1.25
1.50
Transconductance vs. Drain Current
(V
GS=10V)
-40ºC
25ºC
125ºC
Voltage (V)
0.1
1
10
100
1000
0.001
0.01
0.1
1
Forward Safe Operating Bias
SOT-89 Package
Voltage (V)
0.1
1
10
100
1000
0.001
0.01
0.1
1
Forward Safe Operating Bias
SOT-223 Package
V
DS (V)
01
23
45
0.0
0.2
0.4
0.6
0.8
1.0
Output Characteristics
V
GS=-0.5V
V
GS=0V
V
GS=-1V
V
GS=-1.5V
V
GS=-2V
Temperature (ºC)
0
20
40
60
80
100
120
140
Power Dissipation
vs. Ambient Temperature
SOT-89 Package
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature (ºC)
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
Power Dissipation
vs. Ambient Temperature
SOT-223 Package



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com