Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC3909Z Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC3909Z
Description  Depletion-Mode FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC3909Z Datasheet(HTML) 4 Page - IXYS Corporation

  CPC3909Z Datasheet HTML 1Page - IXYS Corporation CPC3909Z Datasheet HTML 2Page - IXYS Corporation CPC3909Z Datasheet HTML 3Page - IXYS Corporation CPC3909Z Datasheet HTML 4Page - IXYS Corporation CPC3909Z Datasheet HTML 5Page - IXYS Corporation CPC3909Z Datasheet HTML 6Page - IXYS Corporation CPC3909Z Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
PRELIMINARY
4
R00D
CPC3909
PERFORMANCE DATA @ 25ºC (Unless Otherwise Noted)*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
Temperature (ºC)
-50
-25
0
25
50
75
100
125
150
460
470
480
490
500
510
520
Blocking Voltage vs. Temperature
(I
L=5 A)
Temperature (ºC)
-50
-25
0
25
50
75
100
125
150
0
0.2
0.4
0.6
0.8
1.0
1.2
Leakage Current vs. Temperature
(V
GS=5V, VDS=400V)
V
DS (V)
0
5
10
15
20
25
30
35
0
50
100
150
200
250
300
Capacitance vs. Drain-Source Voltage
(V
GS=-3.5V)
CISS
COSS
CRSS
I
D (mA)
0.0
0.2
0.4
0.6
0.8
1.0
0
2
4
6
8
10
On-Resistance vs. Drain Current
(V
GS=0V)
125ºC
25ºC
-40ºC
Temperature (ºC)
-50
-25
0
25
50
75
100
125
150
2
3
4
5
6
7
8
9
10
On-Resistance vs. Temperature
(I
L=300mA, VGS=0V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com