Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC3909Z Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC3909Z
Description  Depletion-Mode FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC3909Z Datasheet(HTML) 1 Page - IXYS Corporation

  CPC3909Z Datasheet HTML 1Page - IXYS Corporation CPC3909Z Datasheet HTML 2Page - IXYS Corporation CPC3909Z Datasheet HTML 3Page - IXYS Corporation CPC3909Z Datasheet HTML 4Page - IXYS Corporation CPC3909Z Datasheet HTML 5Page - IXYS Corporation CPC3909Z Datasheet HTML 6Page - IXYS Corporation CPC3909Z Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
PRELIMINARY
DS-CPC3909-R00D
1
CPC3909
400V N-Channel
Depletion-Mode FET
Part Number
Description
CPC3909CTR
SOT-89: Tape and Reel (1000/Reel)
CPC3909ZTR
SOT-223: Tape and Reel (1000/Reel)
Applications
Features
Description
Ordering Information
Package Pinout:
LED Drive Circuits
Telecommunications
Normally On Switches
Ignition Modules
Converters
Security
Power Supplies
Regulators
400V Drain-to-Source Voltage
Depletion Mode Device Offers Low R
DS(on)
at Cold Temperatures
Low On-Resistance: 4.5
 (Typical) @ 25°C
Low V
GS(off) Voltage
High Input Impedance
Low Input and Output Leakage
Small Package Size SOT-89 and SOT-223
PC Card (PCMCIA) Compatible
PCB Space and Cost Savings
The CPC3909 is an N-channel, depletion mode Field
Effect Transistor (FET) that is available in an
SOT-223 package (CPC3909Z) and an SOT-89
package (CPC3909C). Both utilize IXYS Integrated
Circuits Division’s proprietary vertical DMOS process
that realizes world class, high voltage MOSFET
performance in an economical silicon gate process.
The vertical DMOS process yields a highly reliable
device, particularly for use in difficult application
environments such as telecommunications, security,
and power supplies.
CPC3909Z and the CPC3909C have a typical
on-resistance of 4.5
 and a drain-to-source voltage
of 400V. As with all MOS devices, the FET structure
prevents thermal runaway and thermally induced
secondary breakdown.
Pin Number
Name
1GATE
2
DRAIN
3
SOURCE
4
DRAIN
Parameter
Rating
Units
Drain-to-Source Voltage - V
(BR)DSX
400
V
Max On-Resistance - R
DS(on)
6
Max Power
SOT-89 Package
1.1
W
SOT-223 Package
2.5
Circuit Symbol
D
G
D
S
4
123
D
S
G


Similar Part No. - CPC3909Z

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC3902 IXYS-CPC3902 Datasheet
137Kb / 6P
Depletion-Mode FET
CPC3902C IXYS-CPC3902C Datasheet
137Kb / 6P
Depletion-Mode FET
CPC3902CTR IXYS-CPC3902CTR Datasheet
137Kb / 6P
Depletion-Mode FET
CPC3902Z IXYS-CPC3902Z Datasheet
137Kb / 6P
Depletion-Mode FET
CPC3902ZTR IXYS-CPC3902ZTR Datasheet
137Kb / 6P
Depletion-Mode FET
More results

Similar Description - CPC3909Z

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5602C CLARE-CPC5602C Datasheet
76Kb / 4P
N Channel Depletion Mode FET
CPC5603 CLARE-CPC5603 Datasheet
85Kb / 3P
N Channel Depletion Mode FET
logo
IXYS Corporation
CPC3703 IXYS-CPC3703 Datasheet
118Kb / 5P
Depletion-Mode FET
CPC3708 IXYS-CPC3708 Datasheet
131Kb / 6P
Depletion Mode FET
CPC3710 IXYS-CPC3710 Datasheet
119Kb / 5P
Depletion-Mode FET
CPC3714 IXYS-CPC3714 Datasheet
119Kb / 5P
Depletion-Mode FET
CPC3720 IXYS-CPC3720 Datasheet
125Kb / 5P
Depletion-Mode FET
CPC3730 IXYS-CPC3730 Datasheet
124Kb / 5P
Depletion-Mode FET
CPC3902 IXYS-CPC3902 Datasheet
137Kb / 6P
Depletion-Mode FET
CPC3960 IXYS-CPC3960 Datasheet
121Kb / 5P
Depletion-Mode FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com