Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC44055ST Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC44055ST
Description  AC Power Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC44055ST Datasheet(HTML) 3 Page - IXYS Corporation

  CPC44055ST Datasheet HTML 1Page - IXYS Corporation CPC44055ST Datasheet HTML 2Page - IXYS Corporation CPC44055ST Datasheet HTML 3Page - IXYS Corporation CPC44055ST Datasheet HTML 4Page - IXYS Corporation CPC44055ST Datasheet HTML 5Page - IXYS Corporation CPC44055ST Datasheet HTML 6Page - IXYS Corporation CPC44055ST Datasheet HTML 7Page - IXYS Corporation CPC44055ST Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
3
www.ixysic.com
R02
CPC44055ST
2
Thermal Characteristics
2.1 Heat Sink Calculation
Higher load currents are possible by using lower thermal resistance heat sink combinations.
2.2 Thermal Performance Data
Parameter
Conditions
Symbol
Rating
Units
Thermal Resistance (Junction to Case)
-
JC
0.35
°C/W
Thermal Resistance (Junction to Ambient)
Free Air
JA
27
°C/W
Junction Temperature (Operating)
-
TJ
-40 to +100
°C
θ
CA =
-
θ
JC
(T
J - TA)
P
D
T
J = Junction Temperature (°C), TJ ≤ 150°C *
T
A = Ambient Temperature (°C)
θ
JC = Thermal Resistance, Junction to Case (°C/W) = 0.35°C/W
θ
CA = Thermal Resistance of Heat Sink & Thermal Interface Material , Case to Ambient (°C/W)
P
D = On-State Voltage (Vrms) • Load Current (Arms)
* Elevated junction temperature reduces semiconductor lifetime.
NOTE: The exposed surface of the DCB substrate is not to be soldered.
Heat Sink Rating
Ambient Temperature (ºC)
0
1020
30
40
5060
70
8090
0
5
10
15
20
25
30
35
40
Output Power Dissipation
vs. Ambient Temperature
Heat Sink
2ºC/W
5ºC/W
10ºC/W
15ºC/W
No Heat Sink
Load Current (A
rms)
0
5
10
15
20
25
30
0
5
10
15
20
25
30
35
40
Output Power Dissipation
vs. Load Current



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com