Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC44055ST Datasheet(PDF) 5 Page - IXYS Corporation

Part # CPC44055ST
Description  AC Power Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC44055ST Datasheet(HTML) 5 Page - IXYS Corporation

  CPC44055ST Datasheet HTML 1Page - IXYS Corporation CPC44055ST Datasheet HTML 2Page - IXYS Corporation CPC44055ST Datasheet HTML 3Page - IXYS Corporation CPC44055ST Datasheet HTML 4Page - IXYS Corporation CPC44055ST Datasheet HTML 5Page - IXYS Corporation CPC44055ST Datasheet HTML 6Page - IXYS Corporation CPC44055ST Datasheet HTML 7Page - IXYS Corporation CPC44055ST Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
5
www.ixysic.com
R02
CPC44055ST
4
Performance Data (@25°C Unless Otherwise Noted)
The performance data shown in the graphs above is typical of device performance. For guaranteed parameters not
indicated in the written specifications, please contact our application department.
LED Forward Voltage (V)
3.868 3.908 3.948 3.988 4.028 4.068 4.108
0
5
10
15
20
25
Input Voltage to Activate
Resistive Load
(N=50, I
L=1A, VL=120VAC/60Hz)
On-State Voltage Drop (V)
0.856 0.859 0.862 0.865 0.868 0.871 0.874
0
5
10
15
20
25
On-State Voltage Drop
(N=50, V
IN=10V, IL=2A)
Blocking Voltage (V
P)
874
876
878880
882
884
886
0
5
10
15
20
Typical Blocking Voltage Distribution
(N=50)
Zero-Cross Voltage (V)
6.2
6.4
6.6
6.8
7.0
7.2
7.4
0
5
10
15
20
Zero-Cross Voltage Distribution
(N=50, V
IN=10V)
Input Voltage (V)
0
5
10
15
20
0
5
10
15
20
Input Voltage vs. Input Current
Temperature (ºC)
-40
-20
0
20
40
60
80
100
20
30
40
50
60
70
80
Holding Current vs. Temperature
(V
IN=0V, RL=1.9Ω)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
6.0
6.2
6.4
6.6
6.8
7.0
7.2
7.4
Zero-Cross vs. Temperature
(V
IN=10V, RL=120Ω)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.75
0.80
0.85
0.90
0.95
1.00
On-State Voltage Drop vs. Temperature
(V
IN=10V)
I
L=4AP
I
L=3AP
I
L=2AP
I
L=1AP
Temperature (ºC)
-40
-20
0
20
40
60
80
100
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage to Activate
Resistive Load
(I
L=1A, 60Hz)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
Input Voltage to Activate
Inductive Load
(I
L=500mA, 60Hz, 400mH)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com